Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS477-05 Datasheet (PDF) - Renesas Technology Corp

ICS477-05 Datasheet PDF - Renesas Technology Corp
Part # ICS477-05
Download  ICS477-05 Download
File Size   364.09 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD PLL WITH VCXO FOR HDTV

ICS477-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS477-05 Datasheet PDF - Renesas Technology Corp

Part # ICS477-05
Download  ICS477-05 Click to download

File Size   364.09 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUAD PLL WITH VCXO FOR HDTV

ICS477-05 Datasheet (HTML) - Renesas Technology Corp


ICS477-05 Product details

Features
• Packaged in 28-pin SSOP (QSOP)
• Available in Pb-free packaging
• Replaces a VCXO plus multiple crystals and
oscillators
• On-chip patented VCXO pull range 200 ppm
(minimum)
• Duty cycle of 45/55
• Operating voltage of 3.3V
• Advanced, low power, CMOS process
• Input crystal frequency of 27 MHz
• Five output clocks
• Industrial temperature range available




Similar Part No. - ICS477-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS477-05 ICST-ICS477-05 Datasheet
151Kb / 7P
Quad PLL with VCXO for HDTV
Revision 062404
More results


Similar Description - ICS477-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
PLL Clock Generator IC with VCXO
logo
Integrated Circuit Syst...
MK3771-17 ICST-MK3771-17 Datasheet
182Kb / 8P
VCXO and HDTV Set-Top Clock Source
Revision 083104
ICS477-05 ICST-ICS477-05 Datasheet
151Kb / 7P
Quad PLL with VCXO for HDTV
Revision 062404
ICS487-25 ICST-ICS487-25 Datasheet
150Kb / 6P
Quad PLL for DTV
Revision 050604
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
PLL with Integrated VCXO
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
Factory Programmable Quad PLL Clock Generator with VCXO
logo
Renesas Technology Corp
ICS487-25 RENESAS-ICS487-25 Datasheet
354Kb / 8P
QUAD PLL FOR DTV
092109
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com