Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS680-01 Datasheet (PDF) - Renesas Technology Corp

ICS680-01 Datasheet PDF - Renesas Technology Corp
Part # ICS680-01
Download  ICS680-01 Download
File Size   363.54 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER

ICS680-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS680-01 Datasheet PDF - Renesas Technology Corp

Part # ICS680-01
Download  ICS680-01 Click to download

File Size   363.54 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NETWORKING CLOCK SYNTHESIZER AND ZERO DELAY BUFFER

ICS680-01 Datasheet (HTML) - Renesas Technology Corp


ICS680-01 Product details

Features
• Packaged in 24-pin TSSOP
• Pb (lead) free package, RoHS compliant
• Replaces multiple crystals and oscillators
• Input crystal or clock frequency of 25 MHz
• Five output driver driven by external clock
• Duty cycle of 45/55
• Operating voltage of 3.3 V
• Advanced, low-power CMOS process
• Fixed output frequencies of 25 MHz and 48 MHz
• Selectable output frequencies of 24 MHz, 48 MHz, 50
MHz and 66.6666 MHz
• Qx outputs replace costly discrete buffer
• Low-skew buffer outputs (250 ps)




Similar Part No. - ICS680-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
Networking Clock Synthesizer and Zero Delay Buffer
More results


Similar Description - ICS680-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
3.3V ZERO DELAY CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
Zero-Delay Clock Buffer
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
logo
Integrated Circuit Syst...
ICS680-01 ICST-ICS680-01 Datasheet
154Kb / 8P
Networking Clock Synthesizer and Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
3.3V ZERO DELAY CLOCK BUFFER
logo
Pericom Semiconductor C...
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
Zero-Delay Clock Buffer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com