Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H15-3 Datasheet (PDF) - Micro Commercial Components

H15-3 Datasheet PDF - Micro Commercial Components
Part # H15-3
Download  H15-3 Download
File Size   108.27 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diode 1.7 to 37.2 Volts

H15-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
H15-3 Datasheet PDF - Micro Commercial Components

Part # H15-3
Download  H15-3 Click to download

File Size   108.27 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diode 1.7 to 37.2 Volts

H15-3 Datasheet (HTML) - Micro Commercial Components


H15-3 Product details

Features
• Low Leakage
• Low Zener Impedance
• High Reliability




Similar Part No. - H15-3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H15-1 MCC-H15-1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
logo
Cooper Bussmann, Inc.
H15-H-1 COOPER-H15-H-1 Datasheet
375Kb / 2P
PCB fuse holders for 5x20mm fuses
logo
Eaton All Rights Reserv...
H15-H-1 EATON-H15-H-1 Datasheet
305Kb / 2P
PCB fuse holders for 5 mm x 20 mm fuses
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
PCB fuse holders for 5x20mm fuses
logo
Eaton All Rights Reserv...
H15-V-1 EATON-H15-V-1 Datasheet
305Kb / 2P
PCB fuse holders for 5 mm x 20 mm fuses
More results


Similar Description - H15-3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H11-A1 MCC-H11-A1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-A2 MCC-H11-A2 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-A3 MCC-H11-A3 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-B1 MCC-H11-B1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-B2 MCC-H11-B2 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-B3 MCC-H11-B3 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H12-A2 MCC-H12-A2 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H12-A3 MCC-H12-A3 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H15-1 MCC-H15-1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
LSH2A3 MCC-LSH2A3 Datasheet
390Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com