Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8906M1010-13 Datasheet (PDF) - Diodes Incorporated

PAM8906M1010-13 Datasheet PDF - Diodes Incorporated
Part # PAM8906M1010-13
Download  PAM8906M1010-13 Download
File Size   718.85 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE

PAM8906M1010-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAM8906M1010-13 Datasheet PDF - Diodes Incorporated

Part # PAM8906M1010-13
Download  PAM8906M1010-13 Click to download

File Size   718.85 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE

PAM8906M1010-13 Datasheet (HTML) - Diodes Incorporated


PAM8906M1010-13 Product details

Description
The DIODES™ PAM8906 is a piezoelectric sounder driver with builtin
boost converter, capable of driving a piezo sounder with up to
36VPP output. With integrated boost converter, the PAM8906 can
provide an optimized solution with higher Sound Pressure Level
(SPL) for louder output sound, and lower quiescent current along
with auto turn-on/off feature for extended battery runtime. PAM8906
provides clear benefits for battery-operated piezoelectric sounder or
alarm related applications.
With the integrated boost converter and unique piezo sounder driver
technology, PAM8906 provides small inrush current, low EMI and yet
delivers high system efficiency. The integrated boost converter
switches at a fixed frequency of 1.8MHz and as a result, it can
operate with a small 0.47μH inductor.
The PAM8906 comes in three different Output Voltage (VOUT)
options: 10V, 12V, and 18V.
The PAM8906 can operate with an external PWM input or operate in
self-excitation mode (only 10V and 12V supported in this mode) for
various piezo sounder applications. It also features thermal shutdown
protection, over-current protection, over-voltage protection and
under-voltage-lockout protection to ensure safe system operation.
The PAM8906 is available in MSOP-10 package for smaller PCB
footprint and higher SMT yield.

Features
 Supply Voltage Range from 2.1V to 5.5V
 Intergraded Boost Converter with VOUT = 10V, 12V or 18V
 Automatic Shutdown and Wake-Up Control
 Support External PWM Input or Self-Excitation Mode
 Low Operating Current, with Shutdown Current < 1μA
 High-Speed Driver Designed with Very Short Turn-On/Turn-Off
 High-Impendence Output in Shutdown Mode
 Available in Space-Saving MSOP-10 Packages
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/




Similar Part No. - PAM8906M1010-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
PAM8901JER DIODES-PAM8901JER Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8902AKER DIODES-PAM8902AKER Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
More results


Similar Description - PAM8906M1010-13

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-080 SANYO-STK730-080 Datasheet
98Kb / 4P
Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
STK73903 SANYO-STK73903 Datasheet
120Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (180W Output)
logo
Diodes Incorporated
PAM8904 DIODES-PAM8904 Datasheet
259Kb / 6P
18VPP OUTPUT PEIZO SOUNDER DRIVER
Rev 1
PAM8904Q DIODES-PAM8904Q Datasheet
558Kb / 11P
AUTOMOTIVE 18VPP OUTPUT PEIZO SOUNDER DRIVER
Rev 1
PAM8904 DIODES-PAM8904_17 Datasheet
352Kb / 9P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev 2
logo
Micro Analog systems
MAS6240C MAS-MAS6240C_16 Datasheet
980Kb / 13P
Piezo Driver with Multi-Mode Charge Pump
logo
Diodes Incorporated
PAM8907 DIODES-PAM8907 Datasheet
695Kb / 10P
31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
May 2021
PAM8904E DIODES-PAM8904E Datasheet
826Kb / 10P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev. 2 - 2 February 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com