Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT125BQ Datasheet (PDF) - Nexperia B.V. All rights reserved

74ABT125BQ Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ABT125BQ
Download  74ABT125BQ Download
File Size   245.2 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad buffer; 3-state

74ABT125BQ Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT125BQ Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ABT125BQ
Download  74ABT125BQ Click to download

File Size   245.2 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad buffer; 3-state

74ABT125BQ Datasheet (HTML) - Nexperia B.V. All rights reserved


74ABT125BQ Product details

1. General description
The 74ABT125 is a quad buffer/line driver with 3-state outputs controlled by the output enable
inputs (nOE). A HIGH on nOE causes the outputs to assume a high impedance OFF-state. This
device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables
the output, preventing the potentially damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Supply voltage range from 4.5 V to 5.5 V
• BiCMOS high speed and output drive
• Direct interface with TTL levels
• Power-up 3-state
• Inputs are disabled during 3-state mode
• IOFF circuitry provides partial Power-down mode operation
• Latch-up protection exceeds 500 mA per JESD78B class II level A
• Quad bus interface
• 3-state buffers
• Live insertion and extraction permitted
• Output capability: HIGH -32 mA; LOW +64 mA
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C




Similar Part No. - 74ABT125BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT125BQ NXP-74ABT125BQ Datasheet
173Kb / 15P
Quad buffer; 3-state
Rev. 04-27 April 2010
More results


Similar Description - 74ABT125BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126 Datasheet
92Kb / 10P
Quad buffer 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
Quad Buffer (3-STATE)
DM74ALS125 FAIRCHILD-DM74ALS125 Datasheet
51Kb / 5P
Quad 3-STATE Buffer
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
Quad 3-STATE Buffer
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
Quad buffer; 3-state
Rev. 04-27 April 2010
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
Quad buffer; 3-state
Rev. 6 - 8 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com