Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC1G02GV Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC1G02GV Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC1G02GV
Download  74AHC1G02GV Download
File Size   210.75 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input NOR gate

74AHC1G02GV Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G02GV Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC1G02GV
Download  74AHC1G02GV Click to download

File Size   210.75 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input NOR gate

74AHC1G02GV Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC1G02GV Product details

1. General description
The 74AHC1G02; 74AHCT1G02 is a single 2-input NOR gate. Inputs are overvoltage tolerant. This
feature allows the use of these devices as translators in mixed voltage environments.
2. Features and benefits
• Wide supply voltage range from 2.0 to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• Symmetrical output impedance
• Balanced propagation delays
• Input levels:
• For 74AHC1G02: CMOS level
• For 74AHCT1G02: TTL level
• ESD protection:
• HBM JESD22-A114E: exceeds 2000 V
• MM JESD22-A115-A: exceeds 200 V
• CDM JESD22-C101C: exceeds 1000 V
• Specified from -40 °C to +125 °C




Similar Part No. - 74AHC1G02GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G02GV PHILIPS-74AHC1G02GV Datasheet
80Kb / 16P
2-input NOR gate
2002 May 27
logo
TECH PUBLIC Electronics...
74AHC1G02GV TECHPUBLIC-74AHC1G02GV Datasheet
1Mb / 6P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02GV NEXPERIA-74AHC1G02GV Datasheet
234Kb / 12P
2-input NOR gate
Rev. 10 19 September 2024
74AHC1G02GV NEXPERIA-74AHC1G02GV Datasheet
139Kb / 12P
2-input NOR gate
Rev. 7 6 November 2014
74AHC1G02GV-Q100 NEXPERIA-74AHC1G02GV-Q100 Datasheet
680Kb / 12P
2-input NOR gate
More results


Similar Description - 74AHC1G02GV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com