Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC1G07 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC1G07 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC1G07
Download  74AHC1G07 Download
File Size   205.48 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Buffer with open-drain output

74AHC1G07 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G07 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC1G07
Download  74AHC1G07 Click to download

File Size   205.48 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Buffer with open-drain output

74AHC1G07 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC1G07 Product details

1. General description
The 74AHC1G07 is a single buffer with open-drain output. Inputs are overvoltage tolerant. This
feature allows the use of these devices as translators in mixed voltage environments.
2. Features and benefits
• Wide supply voltage range from 2.0 to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• ESD protection:
• HBM JESD22-A114E: exceeds 2000 V
• MM JESD22-A115-A: exceeds 200 V
• CDM JESD22-C101C: exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AHC1G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
Buffer with open-drain output
2002 Oct 02
74AHC1G07 NXP-74AHC1G07 Datasheet
78Kb / 11P
Buffer with open-drain output
Rev. 06-7 June 2007
logo
Nexperia B.V. All right...
74AHC1G07-Q100 NEXPERIA-74AHC1G07-Q100 Datasheet
204Kb / 10P
Buffer with open-drain output
Rev. 4 - 11 January 2022
logo
NXP Semiconductors
74AHC1G07GV PHILIPS-74AHC1G07GV Datasheet
77Kb / 16P
Buffer with open-drain output
2002 Oct 02
74AHC1G07GV NXP-74AHC1G07GV Datasheet
78Kb / 11P
Buffer with open-drain output
Rev. 06-7 June 2007
More results


Similar Description - 74AHC1G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
Buffer with open-drain output
2002 Oct 02
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
Buffer with open-drain output
2004 Sep 07
74LVC1G07 NXP-74LVC1G07 Datasheet
86Kb / 14P
Buffer with open-drain output
Rev. 08-17 July 2007
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC_AHCT1G07 PHILIPS-74AHC_AHCT1G07_15 Datasheet
140Kb / 12P
Buffer with open-drain output
Rev. 7-18 November 2014
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
Buffer with open-drain output
Rev. 5 - 3 February 2022
74LVC1G07 NEXPERIA-74LVC1G07 Datasheet
266Kb / 17P
Buffer with open-drain output
Rev. 16 - 3 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com