Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP1G02GS Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G02GS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G02GS
Download  74AUP1G02GS Download
File Size   274.14 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input NOR gate

74AUP1G02GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G02GS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G02GS
Download  74AUP1G02GS Click to download

File Size   274.14 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input NOR gate

74AUP1G02GS Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G02GS Product details

1. General description
The 74AUP1G02 is a single 2-input NOR gate. Schmitt-trigger action at all inputs makes the circuit
tolerant of slower input rise and fall times. This device ensures very low static and dynamic power
consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Low static power consumption; ICC = 0.9 μA (maximum)
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G02GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G02GS NXP-74AUP1G02GS Datasheet
415Kb / 21P
Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
logo
Nexperia B.V. All right...
74AUP1G02GS NEXPERIA-74AUP1G02GS Datasheet
297Kb / 19P
Low-power 2-input NOR gate
Rev. 11 30 August 2024
logo
TECH PUBLIC Electronics...
74AUP1G02GS-TP TECHPUBLIC-74AUP1G02GS-TP Datasheet
5Mb / 10P
SINGLE 2-INPUT NOR GATE
More results


Similar Description - 74AUP1G02GS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100201 FAIRCHILD-100201 Datasheet
40Kb / 4P
Low Power 2-Input OR/NOR Gate/Inverter
100302 FAIRCHILD-100302 Datasheet
78Kb / 8P
Low Power Quint 2-Input OR/NOR Gate
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
NXP Semiconductors
74AUP2G02 NXP-74AUP2G02 Datasheet
100Kb / 17P
Low-power dual 2-input NOR gate
Rev. 03-11 December 2008
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
NXP Semiconductors
74AUP1G02GS NXP-74AUP1G02GS Datasheet
415Kb / 21P
Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
Low Power Quint 2-Input OR/NOR Gate
logo
Nexperia B.V. All right...
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
Low-power 2-input NOR gate
74AXP1G02 NEXPERIA-74AXP1G02 Datasheet
797Kb / 17P
Low-power 2-input NOR gate
74AUP2G02 NEXPERIA-74AUP2G02 Datasheet
269Kb / 17P
Low-power dual 2-input NOR gate
Rev. 9 - 27 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com