Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP1G11GS Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G11GS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G11GS
Download  74AUP1G11GS Download
File Size   254.95 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 3-input AND gate

74AUP1G11GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G11GS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G11GS
Download  74AUP1G11GS Click to download

File Size   254.95 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 3-input AND gate

74AUP1G11GS Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G11GS Product details

1. General description
The 74AUP1G11 is a single 3-input AND gate. Schmitt-trigger action at all inputs makes the circuit
tolerant of slower input rise and fall times. This device ensures very low static and dynamic power
consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G11GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G11GF NXP-74AUP1G11GF Datasheet
88Kb / 16P
Low-power 3-input AND gate
Rev. 01-4 September 2007
74AUP1G11GM NXP-74AUP1G11GM Datasheet
88Kb / 16P
Low-power 3-input AND gate
Rev. 01-4 September 2007
74AUP1G11GW NXP-74AUP1G11GW Datasheet
88Kb / 16P
Low-power 3-input AND gate
Rev. 01-4 September 2007
More results


Similar Description - 74AUP1G11GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
Low-power 3-input OR gate
Rev.01.00-27 February2006
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
74AUP1G11 NXP-74AUP1G11 Datasheet
88Kb / 16P
Low-power 3-input AND gate
Rev. 01-4 September 2007
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
logo
Nexperia B.V. All right...
74AXP1G11 NEXPERIA-74AXP1G11 Datasheet
809Kb / 16P
Low-power 3-input AND gate
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
74AUP1G3208 NEXPERIA-74AUP1G3208 Datasheet
276Kb / 18P
Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com