Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP1G158GS Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G158GS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G158GS
Download  74AUP1G158GS Download
File Size   256.47 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input multiplexer; inverting

74AUP1G158GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G158GS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G158GS
Download  74AUP1G158GS Click to download

File Size   256.47 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input multiplexer; inverting

74AUP1G158GS Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G158GS Product details

1. General description
The 74AUP1G158 is a single 2-input inverting multiplexer. Schmitt-trigger action at all inputs
makes the circuit tolerant of slower input rise and fall times. This device ensures very low static
and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is
fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output,
preventing the potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G158GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G158GF NXP-74AUP1G158GF Datasheet
93Kb / 16P
Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
74AUP1G158GM NXP-74AUP1G158GM Datasheet
93Kb / 16P
Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
74AUP1G158GW NXP-74AUP1G158GW Datasheet
93Kb / 16P
Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
More results


Similar Description - 74AUP1G158GS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
Quad 2-Input Multiplexer(Inverting)
1996 REV 5
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
Quad 2-input multiplexer; inverting
December 1990
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
logo
Fairchild Semiconductor
NC7SP158 FAIRCHILD-NC7SP158_04 Datasheet
175Kb / 9P
TinyLogic ULP 2-Input Inverting Multiplexer
logo
NXP Semiconductors
74AUP1G158 NXP-74AUP1G158 Datasheet
93Kb / 16P
Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
74AUP1G158 PHILIPS-74AUP1G158_15 Datasheet
203Kb / 19P
Low-power 2-input multiplexer; inverting
Rev. 5-3 August 2012
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC158 NEXPERIA-74HC158 Datasheet
693Kb / 16P
Quad 2-input multiplexer; inverting
Rev. 4 - 23 December 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com