Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP1T34GS Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1T34GS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1T34GS
Download  74AUP1T34GS Download
File Size   317.08 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual supply translating buffer

74AUP1T34GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1T34GS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1T34GS
Download  74AUP1T34GS Click to download

File Size   317.08 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual supply translating buffer

74AUP1T34GS Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1T34GS Product details

1. General description
The 74AUP1T34 is a single dual supply translating buffer. Input A is referenced to VCC(A) and
output Y is referenced to VCC(Y). Schmitt-trigger action at all inputs makes the circuit tolerant
of slower input rise and fall times. This device ensures very low static and dynamic power
consumption across the entire VCC range from 1.1 V to 3.6 V. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.1 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Complies with JEDEC standards:
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Wide supply voltage range:
• VCC(A): 1.1 V to 3.6 V
• VCC(Y): 1.1 V to 3.6 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Each port operates over the full 1.1 V to 3.6 V power supply range
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1T34GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1T34GS NEXPERIA-74AUP1T34GS Datasheet
341Kb / 23P
Low-power dual supply translating buffer
Rev. 10 23 September 2024
74AUP1T34GS NEXPERIA-74AUP1T34GS Datasheet
309Kb / 22P
Low-power dual supply translating buffer
Rev. 6 28 January 2019
More results


Similar Description - 74AUP1T34GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T34 NXP-74AUP1T34 Datasheet
107Kb / 19P
Low-power dual supply translating buffer
Rev. 01-4 December 2006
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T34 PHILIPS-74AUP1T34_15 Datasheet
391Kb / 24P
Low-power dual supply translating buffer
Rev. 5-4 September 2013
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T34-Q100 NEXPERIA-74AUP1T34-Q100 Datasheet
262Kb / 17P
Low-power dual supply translating buffer
74AXP1T34 NEXPERIA-74AXP1T34 Datasheet
846Kb / 21P
Dual supply translating buffer
74LV1T34-Q100 NEXPERIA-74LV1T34-Q100 Datasheet
212Kb / 11P
Single supply translating buffer
Rev. 3 - 10 February 2022
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
74LV1T34 NEXPERIA-74LV1T34 Datasheet
227Kb / 12P
Single supply translating buffer
Rev. 3 - 10 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com