Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1063 Datasheet (PDF) - G.M. International

D1063 Datasheet PDF - G.M. International
Part # D1063
Download  D1063 Download
File Size   350.48 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description Load Cell/Strain Gauge Bridge Isolating Repeater DIN-Rail Model D1063S

D1063 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1063 Datasheet PDF - G.M. International

Part # D1063
Download  D1063 Click to download

File Size   350.48 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description Load Cell/Strain Gauge Bridge Isolating Repeater DIN-Rail Model D1063S

D1063 Datasheet (HTML) - G.M. International


D1063 Product details

General Description:
The single channel DIN Rail Load Cell/Strain Gauge Bridge Isolating Repeater D1063S
acts as a transparent galvanic isolated interface installed between a weighing indicator
in Safe Area and a load cell (or group of load cells) in Hazardous Area;
it appears at the terminals of the indicator as a single load cell equivalent to the one
in the field. Provides a fully floating power supply voltage with remote sensing capability
to load cell located in Hazardous Area and repeats, while isolating, the mV signal output
to drive a load in Safe Area depending on the host system reference voltage.
Up to four 350 Ω load cells, or six 450 Ω load cells, or twelve 1000 Ω load cells can
connected in parallel.
Voltage reference (Safe Area side) is DIP switch configurable to select internal or
external (host system) supply. In addition a field wiring fault red LED indicates any
wire break in the Hazardous Area side.

Features:
Input from Zone 0 (Zone 20), Division 1,
installation in Zone 2, Division 2.
Strain Gauge Bridge Transparent Repeater.
to four 350 Ω load cells in parallel or
to six 450 Ω load cells in parallel or
to twelve 1000 Ω load cells in parallel.
Broken field wire fault detection.
High Accuracy.
Three port isolation, Input/Output/Supply.
EMC Compatibility to EN61000-6-2, EN61000-6-4.
field programmability by DIP switch.
ATEX, IECEx, FM & FM-C, Russian
Certifications.
Type Approval Certificate DNV and KR for
maritime applications.
High Reliability, SMD components.
Simplified installation using standard
DIN Rail and plug-in terminal blocks.
250 Vrms (Um) max. voltage allowed to the
instruments associated with the barrier.




Similar Part No. - D1063

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D106 MPD-D106 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
G.M. International
D1060 GMI-D1060 Datasheet
443Kb / 4P
Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1060S GMI-D1060S Datasheet
443Kb / 4P
Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1060SB GMI-D1060SB Datasheet
443Kb / 4P
Frequency-Pulse Converter, Repeater and Trip Amplifiers DIN-Rail Model D1060S
D1061 GMI-D1061 Datasheet
506Kb / 4P
RS422 / RS485 Isolating Repeater DIN-Rail Model D1061S
More results


Similar Description - D1063

ManufacturerPart #DatasheetDescription
logo
G.M. International
D1012 GMI-D1012 Datasheet
251Kb / 2P
Quadruple Repeater Power Supply DIN-Rail Model D1012Q
D1035 GMI-D1035 Datasheet
278Kb / 2P
Frequency-Pulse Isolating Repeater DIN-Rail Model D1035S
D1061 GMI-D1061 Datasheet
506Kb / 4P
RS422 / RS485 Isolating Repeater DIN-Rail Model D1061S
D1064 GMI-D1064 Datasheet
274Kb / 2P
SIL 2 Load Cell/Strain Gauge Bridge Isolating Converter DIN-Rail Model D1064S
D2052 GMI-D2052 Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
D2053 GMI-D2053 Datasheet
245Kb / 2P
Transistor Output Repeater DIN-Rail Model D2053M
D5263 GMI-D5263 Datasheet
140Kb / 2P
I.S. SIL2 Load Cell/Strain Gauge Bridge Repeater
D5264 GMI-D5264 Datasheet
151Kb / 2P
I.S. SIL2 Load Cell/Strain Gauge Bridge Converter
D6263 GMI-D6263 Datasheet
137Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Repeater
D6264 GMI-D6264 Datasheet
148Kb / 2P
SIL2 Load Cell/Strain Gauge Bridge Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com