Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2011 Datasheet (PDF) - G.M. International

D2011 Datasheet PDF - G.M. International
Part # D2011
Download  D2011 Download
File Size   282.69 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description Intrinsically Safe Analog-Temperature Multiplexer Expander DIN-Rail Model D2011M

D2011 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2011 Datasheet PDF - G.M. International

Part # D2011
Download  D2011 Click to download

File Size   282.69 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description Intrinsically Safe Analog-Temperature Multiplexer Expander DIN-Rail Model D2011M

D2011 Datasheet (HTML) - G.M. International


D2011 Product details

General description:
D2000M series Intrinsically Safe Multiplexing System consists of one to four
Analog-Temperature Multiplexer units model D2010M, up to twelve Expander units
model D2011M, or up to four Digital Multiplexer units model D2030M, mounted in
Hazardous Area/Hazardous Locations Zone 1-2, Gas Group IIC-IIB-IIA T4 or
Class I, Division 1-2, Group A, B, C, D T4 and connected via a single/redundant 2 wires
data communication/supply line to a Modbus Gateway unit model D2050M,
mounted in Safe Area/Non Hazardous Locations and connected to a PLC, DCS or PC.
Multiplexer Expander D2011M units can be installed in the field, close to input sensors,
for data acquisition of signal from Hazardous Area/Hazardous Locations Zone 0-1-2 or
Class I, Class II, Class III, Division 1-2.
The units are primarily intended for Hazardous Area/Hazardous Locations acquisition of
low level signals from mV, thermocouples, thermoresistances or mA (via external shunt
device like D1090Q four channel shunt resistor) sources.
D2011M scans all channels using state of the art solid state isolated relays, and stores
all data in the D2010M memory buffer connected to it, where they can be rapidly
accessed by the Modbus Gateway D2050M unit.
Each D2011M unit accepts directly up to 16 input channels.
An integrating type, high rejection, high accuracy (18 bits) A/D converter installed on
D2010M unit that control up to three Expander D2011M, provides accurate and stable
measurements. All parameters are software configurable by serial commands via
D2050M Gateway unit and stored in the D2010M unit connected to the Expander.

Features:
• Intrinsically Safe for installation in Zone 1, 2 Gas Group IIC, IIB, IIA T4
or Class I, Division 1, 2 Groups A, B, C, D, Temperature Code T4 and
Class I, Zone 1, 2 Groups IIC, IIB, IIA, Temperature Code T4
Hazardous Area/Hazardous Location.
• Universal inputs (mV, TC, RTD) from Zone 0, 1, 2 or
Class I, II, III, Division 1, 2, Groups A, B, C, D, E, F, G, and
Class I, Zone 0, 1, 2 Groups IIC, IIB, IIA Hazardous Location.
• Isolation of 200 V input to input (mV or TC), 60 V input to input (RTD)
and 500 V input to ground, allows grounded sensors.
• EMC Compatibility to EN61000-6-2, EN61000-6-4.
• ATEX, FM & FM-C, Russian and Ukrainian Certifications.
• High reliability, SMD components.
• High density, 16 channels per unit.
• Lower cables, installation and maintenance costs.
• 1 terminal block per input, no external terminal block required.
• Simplified installation using standard DIN Rail mounting units.




Similar Part No. - D2011

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2011 SEME-LAB-D2011 Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
D2011UK SEME-LAB-D2011UK Datasheet
19Kb / 2P
METAL GATE RF SILICON FET
More results


Similar Description - D2011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMI30 ETC2-SMI30 Datasheet
3Mb / 6P
Intrinsically Safe Sensors
logo
Cynergy3 Co
IPSAT CYNERGY3-IPSAT Datasheet
939Kb / 2P
Intrinsically Safe Pressure Transducer
logo
Pepperl+Fuchs Inc.
EI-0D2-10Y-10B PF-EI-0D2-10Y-10B Datasheet
1Mb / 5P
Intrinsically safe Ethernet Isolator
IDENT-EX01NE_DZ1 PF-IDENT-EX01NE_DZ1 Datasheet
741Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NHCSL_DZ1 PF-IDENT-EX01NHCSL_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
IDENT-EX01NH_DZ1 PF-IDENT-EX01NH_DZ1 Datasheet
742Kb / 2P
Intrinsically safe Bluetooth짰 handheld
logo
G.M. International
D2010 GMI-D2010 Datasheet
284Kb / 2P
Intrinsically Safe Analog-Temperature Multiplexer DIN-Rail Model D2010M
D2030 GMI-D2030 Datasheet
278Kb / 2P
Intrinsically Safe Digital Multiplexer DIN-Rail Model D2030M
logo
Vaisala
HMT370EX VAISALA-HMT370EX Datasheet
617Kb / 7P
Intrinsically Safe Humidity and Temperature Transmitters
logo
E+E Elektronik Ges.m.b....
EE100EX EPLUSE-EE100EX Datasheet
1Mb / 5P
Intrinsically Safe Humidity and Temperature Sensor
v1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com