Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8214 Datasheet (PDF) - Analog Devices

AD8214 Datasheet PDF - Analog Devices
Part # AD8214
Download  AD8214 Download
File Size   398.09 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Threshold Detector

AD8214 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8214 Datasheet PDF - Analog Devices

Part # AD8214
Download  AD8214 Click to download

File Size   398.09 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage Threshold Detector

AD8214 Datasheet (HTML) - Analog Devices


AD8214 Product details

GENERAL DESCRIPTION

The AD8214 is a fast response, high common-mode voltage, current shunt comparator . The device operates on the high side rail of any DC current sensing application, provided the voltage is between 5 V and 65 V . Internally , the AD8214 features a fast comparator that is optimized for high side operation. An internal Zener regulator powers the circuit with respect to the high side DC rail. In addition, user access to this 2.4V regulator , allows for setting a comparator threshold voltage via external resistors.



FEATURES

Input-to-output response: <100 ns

High input common-mode voltage range

  Operating: 5 V to 65  V

  Survival: 0 V to 68  V

Current output

Hysteresis: 10 mV

Integrated 2.4 V regulator

Wide operating temperature range: –40°C to +125°C

8-lead MSOP package

Qualified for automotive applications



APPLICATIONS

Overcurrent protection

  Motor controls

  Transmission controls

  Diesel injection controls

  DC-to-DC converters

  Power supplies

  Batteries




Similar Part No. - AD8214

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8214 AD-AD8214 Datasheet
247Kb / 16P
Fast Response, High Voltage Current Shunt Comparator
6/12-Rev. 0 to Rev. A
AD8214ARMZ AD-AD8214ARMZ Datasheet
247Kb / 16P
Fast Response, High Voltage Current Shunt Comparator
6/12-Rev. 0 to Rev. A
AD8214ARMZ-R7 AD-AD8214ARMZ-R7 Datasheet
247Kb / 16P
Fast Response, High Voltage Current Shunt Comparator
6/12-Rev. 0 to Rev. A
AD8214ARMZ-RL AD-AD8214ARMZ-RL Datasheet
247Kb / 16P
Fast Response, High Voltage Current Shunt Comparator
6/12-Rev. 0 to Rev. A
AD8214WYRMZ AD-AD8214WYRMZ Datasheet
247Kb / 16P
Fast Response, High Voltage Current Shunt Comparator
6/12-Rev. 0 to Rev. A
More results


Similar Description - AD8214

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CTD05076 DAICO-CTD05076 Datasheet
126Kb / 1P
Threshold Detector
DTD01999 DAICO-DTD01999 Datasheet
115Kb / 1P
Threshold Detector
DTD05080 DAICO-DTD05080 Datasheet
128Kb / 1P
Threshold Detector
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
Threshold Detector
DTD08052 DAICO-DTD08052 Datasheet
127Kb / 1P
Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
Threshold Detector
TMJ9904 SPECTRUM-TMJ9904 Datasheet
246Kb / 1P
Threshold Detector
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
THRESHOLD DETECTOR
TMJ9912 APITECH-TMJ9912 Datasheet
70Kb / 1P
THRESHOLD DETECTOR
TMJ9902 APITECH-TMJ9902 Datasheet
101Kb / 1P
THRESHOLD DETECTOR
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com