Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5391 Datasheet (PDF) - Analog Devices

ADL5391 Datasheet PDF - Analog Devices
Part # ADL5391
Download  ADL5391 Download
File Size   497.34 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 2.0 GHz Multiplier

ADL5391 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5391 Datasheet PDF - Analog Devices

Part # ADL5391
Download  ADL5391 Click to download

File Size   497.34 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 2.0 GHz Multiplier

ADL5391 Datasheet (HTML) - Analog Devices


ADL5391 Product details

GENERAL DESCRIPTION
The ADL5391 draws on three decades of experience in advanced analog multiplier products. It provides the same general mathematical function that has been field proven to provide an exceptional degree of versatility in function synthesis.

FEATURES
   Ultrafast symmetric multiplier
      Function: VW = α × (VX × VY)/1 V + VZ
   Unique design ensures absolute XY-symmetry
      Identical X and Y amplitude/timing responses
   Adjustable gain scaling, α
   DC-coupled throughout, 3 dB bandwidth of 2 GHz
   Fully differential inputs, may be used single ended
   Low noise, high linearity
   Accurate, temperature stable gain scaling
   Single-supply operation (4.5 V to 5.5 V at 130 mA)
   Low current power-down mode
   16-lead LFCSP

APPLICATIONS
   Wideband multiplication and summing
   High frequency analog modulation
   Adaptive antennas (diversity/phased array)
   Square-law detectors and true rms detectors
   Accurate polynomial function synthesis
   DC capable VGA with very fast control




Similar Part No. - ADL5391

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5391 AD-ADL5391 Datasheet
518Kb / 15P
DC to 2.0 GHz Multiplier
10/2017-Rev. 0 to Rev. A
ADL5391-EVALZ AD-ADL5391-EVALZ Datasheet
518Kb / 15P
DC to 2.0 GHz Multiplier
10/2017-Rev. 0 to Rev. A
ADL5391ACPZ-R2 AD-ADL5391ACPZ-R2 Datasheet
518Kb / 15P
DC to 2.0 GHz Multiplier
10/2017-Rev. 0 to Rev. A
ADL5391ACPZ-R7 AD-ADL5391ACPZ-R7 Datasheet
518Kb / 15P
DC to 2.0 GHz Multiplier
10/2017-Rev. 0 to Rev. A
ADL5391ACPZ-WP AD-ADL5391ACPZ-WP Datasheet
518Kb / 15P
DC to 2.0 GHz Multiplier
10/2017-Rev. 0 to Rev. A
More results


Similar Description - ADL5391

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC165S14 HITTITE-HMC165S14 Datasheet
62Kb / 4P
GaAS MMIC SP4T SWITCH DC TO 2.0 GHz
logo
Mini-Circuits
MSWT-4-20 MINI-MSWT-4-20 Datasheet
244Kb / 2P
50ohm Transfer, DC to 2.0 GHz Low Video Leakage
logo
Hexawave, Inc
HWS2152 HW-HWS2152 Datasheet
116Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
1.8 to 2.0 GHz
logo
API Technologies Corp
MR141M APITECH-MR141M Datasheet
108Kb / 1P
RF/LO: 2.0 to 18.0 GHz IF: DC to 500 MHz
MR141H APITECH-MR141H Datasheet
109Kb / 1P
RF/LO: 2.0 to 18.0 GHz IF: DC to 500 MHz
logo
Analog Devices
ADL5391 AD-ADL5391_15 Datasheet
498Kb / 16P
DC to 2.0 GHz Multiplier
REV. 0
logo
TriQuint Semiconductor
TGA4030-SM TRIQUINT-TGA4030-SM_15 Datasheet
434Kb / 17P
17 to 37 GHz MPA/Multiplier
TGA4040 TRIQUINT-TGA4040_15 Datasheet
283Kb / 11P
17 to 43 GHz MPA / Multiplier
logo
Analog Devices
ADL5391 AD-ADL5391_17 Datasheet
518Kb / 15P
DC to 2.0 GHz Multiplier
10/2017-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com