Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5501 Datasheet (PDF) - Analog Devices

ADL5501 Datasheet PDF - Analog Devices
Part # ADL5501
Download  ADL5501 Download
File Size   1882.58 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz to 4 GHz TruPwr Detector

ADL5501 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5501 Datasheet PDF - Analog Devices

Part # ADL5501
Download  ADL5501 Click to download

File Size   1882.58 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz to 4 GHz TruPwr Detector

ADL5501 Datasheet (HTML) - Analog Devices


ADL5501 Product details

GENERAL DESCRIPTION
The ADL5501 is a mean-responding TruPwr™ power detector for use in high frequency receiver and transmitter signal chains from 50 MHz to 6 GHz. It is easy to apply, requiring only a single supply between 2.7 V and 5.5 V and a power supply decoupling capacitor. The input is internally ac-coupled and has a nominal input impedance of 50 Ω. The output is a linear-responding dc voltage with a conversion gain of 6.3 V/V rms at 900 MHz.

FEATURES
   True rms response
   Excellent temperature stability
   Up to 30 dB input dynamic range
   50 Ω input impedance
   1.25 V rms, 15 dBm, maximum input
   Single-supply operation: 2.7 V to 5.5 V
   Low power: 3.3 mW at 3 V supply
   RoHS-compliant

APPLICATIONS
   Measurement of CDMA-, CDMA2000-, W-CDMA-, and QPSK-/
      QAM-based OFDM, and other complex modulation
      waveforms
   RF transmitter or receiver power measurement




Similar Part No. - ADL5501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5501 AD-ADL5501 Datasheet
1,012Kb / 33P
50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
Rev. F
ADL5501 AD-ADL5501 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
Rev. B
ADL5501-EVALZ AD-ADL5501-EVALZ Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
Rev. B
ADL5501-EVALZ1 AD-ADL5501-EVALZ1 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501AKSZ-R2 AD-ADL5501AKSZ-R2 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
Rev. B
More results


Similar Description - ADL5501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
2/06-Rev 0 to Rev. A
AD8363 AD-AD8363 Datasheet
3Mb / 14P
50 Hz to 6 GHz 50 dB TruPwr Detector
Rev. PrB
AD8363 AD-AD8363_09 Datasheet
2Mb / 36P
50 Hz to 6 GHz, 50 dB TruPwr??Detector
REV. 0
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
AD8362 AD-AD8362_1 Datasheet
1Mb / 32P
50 Hz to 3.8 GHz 65 dB TruPwr??Detector
REV. D
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
AD8363 AD-AD8363_15 Datasheet
1Mb / 29P
50 Hz to 6 GHz, 50 dB TruPwr Detector
3/15-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com