Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTO-8951 Datasheet (PDF) - Agilent(Hewlett-Packard)

VTO-8951 Datasheet PDF - Agilent(Hewlett-Packard)
Part # VTO-8951
Download  VTO-8951 Download
File Size   70.17 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Voltage Controlled Oscillator

VTO-8951 Datasheet (PDF)

Go To PDF Page Download Datasheet
VTO-8951 Datasheet PDF - Agilent(Hewlett-Packard)

Part # VTO-8951
Download  VTO-8951 Click to download

File Size   70.17 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Voltage Controlled Oscillator

VTO-8951 Datasheet (HTML) - Agilent(Hewlett-Packard)


VTO-8951 Product details

Description
The VTO-8951 provides a fundamental, low jitter source as a key component for the data re-timing in the transmitter subsystem and clock and data recovery in the receiver of the 10 Gb fiber optic systems.

Features
• Operating frequency: 9.50 to 11.0 GHz
• Output power (50Ω Load): 10 dBm minimum
• Modulation sensitivity: 150 to 250 MHz/V
• Tuning voltage: 0 to 10 Volts
• Low jitter
• Frequency drift over 0°C to +75°C: 100 MHz
• 0.5" D x 0.18" H

Applications
• Sonet, FEC and 10 Gbits Ethernet Applications
• Industry standard package – hermetic using thin film construction




Similar Part No. - VTO-8951

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
VTO-8950 HP-VTO-8950 Datasheet
918Kb / 7P
Varactor-Tuned Oscillators
More results


Similar Description - VTO-8951

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com