Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS200 Datasheet (PDF) - fujitsu semiconductor

CS200 Datasheet PDF - fujitsu semiconductor
Part # CS200
Download  CS200 Download
File Size   603.98 Kbytes
Page   2 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 65nm CMOS Technology

CS200 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS200 Datasheet PDF - fujitsu semiconductor

Part # CS200
Download  CS200 Click to download

File Size   603.98 Kbytes
Page   2 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 65nm CMOS Technology

CS200 Datasheet (HTML) - fujitsu semiconductor


CS200 Product details

Description
As miniaturization of silicon devices progresses, Fujitsu provides the most competitive, world-class technology to ASIC and COT customers. Fujitsus 65nm technology has shrunk gates by 25% when compared to the 90nm technology.
Fujitsu will start tape-out acceptance for the technology in early 2006.

Features
• The 30nm long gate, only 75% the size of the CS100 transistors.
• 20 to 30% faster performance than the 90nm generation.
• Transistor density doubled compared with the 90nm generation.
• SRAM cell area reduced 50% compared with the 90nm generation.




Similar Part No. - CS200

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS200 FUJITSU-CS200 Datasheet
983Kb / 2P
65nm CMOS Standard Cell
logo
Cirrus Logic
CS2000 CIRRUS-CS2000 Datasheet
980Kb / 1P
New Clocking Family Offers System Flexibility, Lower Cost, and Easier System Design
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
301Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP Datasheet
1Mb / 37P
Fractional-N Clock Synthesizer & Clock Multiplier
More results


Similar Description - CS200

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CE66 FUJITSU-CE66 Datasheet
29Kb / 2P
0.35um CMOS Technology
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
0.25um CMOS Technology
logo
National Semiconductor ...
LM95241 NSC-LM95241 Datasheet
717Kb / 19P
Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
logo
fujitsu semiconductor
CS200 FUJITSU-CS200_08 Datasheet
983Kb / 2P
65nm CMOS Standard Cell
logo
HB Electronic Component...
5XRGB-F2-F HB-5XRGB-F2-F Datasheet
159Kb / 3P
CMOS Technology
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
CMOS Technology
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
CMOS Technology
logo
Texas Instruments
LM95241 TI-LM95241_15 Datasheet
1Mb / 30P
Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
High Voltage CMOS Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
CMOS Technology
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com