Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR94A Datasheet (PDF) - NXP Semiconductors

BFR94A Datasheet PDF - NXP Semiconductors
Part # BFR94A
Download  BFR94A Download
File Size   69.62 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 3.5 GHz wideband transistor

BFR94A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR94A Datasheet PDF - NXP Semiconductors

Part # BFR94A
Download  BFR94A Click to download

File Size   69.62 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 3.5 GHz wideband transistor

BFR94A Datasheet (HTML) - NXP Semiconductors


BFR94A Product details

DESCRIPTION

NPN resistance-stabilized transistor in a SOT122E capstan envelope. It features extremely low cross

modulation, intermodulation and second order intermodulation distortion. Due to its high transition frequency, it has a high power gain, in conjunction with good wideband properties, and low noise up to high frequencies. It is primarily intended for CATV and MATV applications.

The BFR94A is a replacement for the BFR94. The SOT122E footprint is similar to that of the SOT48, used for the BFR94.



 




Similar Part No. - BFR94A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR94A NXP-BFR94A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BFR94A NJSEMI-BFR94A Datasheet
94Kb / 2P
NPN 3.5 GHz wideband transistor
logo
NXP Semiconductors
BFR94AW NXP-BFR94AW Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFR94A NXP-BFR94A_10 Datasheet
339Kb / 14P
NPN 5 GHz wideband transistor
Rev. 3-15 November 2010
More results


Similar Description - BFR94A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
NPN 7 GHz wideband transistor
1995 Sep 13
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
NPN 4 GHz wideband transistor
1999 Aug 24
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
NPN 4 GHz wideband transistor
September 1995
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFG65 PHILIPS-BFG65 Datasheet
476Kb / 9P
NPN 8 GHz wideband transistor
November 1992
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
NPN 9 GHz wideband transistor
2000 May 30
logo
New Jersey Semi-Conduct...
BFR94A NJSEMI-BFR94A Datasheet
94Kb / 2P
NPN 3.5 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com