Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6974ATL+ Datasheet (PDF) - Maxim Integrated Products

MAX6974ATL+ Datasheet PDF - Maxim Integrated Products
Part # MAX6974ATL+
Download  MAX6974ATL+ Download
File Size   486.77 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 24-Output PWM LED Drivers for Message Boards

MAX6974ATL+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6974ATL+ Datasheet PDF - Maxim Integrated Products

Part # MAX6974ATL+
Download  MAX6974ATL+ Click to download

File Size   486.77 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 24-Output PWM LED Drivers for Message Boards

MAX6974ATL+ Datasheet (HTML) - Maxim Integrated Products


MAX6974ATL+ Product details

General Description
The MAX6974/MAX6975 precision current-sinking, 24-output PWM LED drivers drive red, green, and blue LEDs for full-color graphic message boards and video displays. Each output has an individual 12-bit (MAX6974) or 14-bit (MAX6975) PWM-intensity (hue) control and 7-bit (MAX6974) or 5-bit (MAX6975) global PWM intensity (luminance) control. The MAX6974/MAX6975 feature a high-speed, fully buffered cascadable serial interface, open-circuit LED fault detection circuitry, as well as a watchdog timer.

Features
♦ 24 LED Current Sink Outputs (Three Banks of Eight Outputs)
♦ 48 LED Drive Option When Multiplexing
♦ 33MHz Clock Supports Up to 63 Frames per Second of Video
♦ Constant Output Current Calibration from 6mA to 30mA in 256 Steps
♦ EZCascade™ Interface Simplifies Multiple Driver Cascading Without External Buffers
♦ 12-Bit or 14-Bit Individual PWM LED Intensity Controls
♦ 7-Bit or 5-Bit Panel PWM-Intensity Control
♦ +3V to +7V LED Power Supply
♦ +3.0V to +3.6V Logic Supply
♦ Open-Circuit LED Fault Detection
♦ Optional Watchdog Timer Blanks Display if Interface Fails
♦ Standard -40°C to +125°C Operating Temperature Range

Applications
LED Video Display Panels
LED Message Boards
Variable Message Signs (VMS)
Signs
Graphic Panels




Similar Part No. - MAX6974ATL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6974ATL+ MAXIM-MAX6974ATL+ Datasheet
301Kb / 23P
24-Output PWM LED Drivers for Message Boards
Rev 2; 10/07
More results


Similar Description - MAX6974ATL+

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGD175 TOSHIBA-TLGD175 Datasheet
186Kb / 4P
2 CHIP LED LAMP FOR MESSAGE BOARD
logo
Maxim Integrated Produc...
MAX6972 MAXIM-MAX6972 Datasheet
713Kb / 23P
16-Output PWM LED Drivers for Message Boards
Rev 0; 5/06
MAX6974 MAXIM-MAX6974_07 Datasheet
301Kb / 23P
24-Output PWM LED Drivers for Message Boards
Rev 2; 10/07
logo
List of Unclassifed Man...
PCIE-836A ETC2-PCIE-836A Datasheet
263Kb / 6P
Digital Input/Output Boards - 24/40 Channel
logo
Tyco Electronics
2IO MACOM-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
logo
MicroPower Direct, LLC
LD24E MPD-LD24E Datasheet
288Kb / 2P
Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
logo
Roithner LaserTechnik G...
D-11 ROITHNER-D-11 Datasheet
64Kb / 2P
DRIVERS for LED
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
logo
MicroPower Direct, LLC
LD24E-XX-XXX MPD-LD24E-XX-XXX Datasheet
288Kb / 2P
Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
logo
Texas Instruments
LP5018 TI1-LP5018 Datasheet
783Kb / 49P
18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com