Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6972 Datasheet (PDF) - Maxim Integrated Products

MAX6972 Datasheet PDF - Maxim Integrated Products
Part # MAX6972
Download  MAX6972 Download
File Size   713.68 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Output PWM LED Drivers for Message Boards

MAX6972 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6972 Datasheet PDF - Maxim Integrated Products

Part # MAX6972
Download  MAX6972 Click to download

File Size   713.68 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Output PWM LED Drivers for Message Boards

MAX6972 Datasheet (HTML) - Maxim Integrated Products


MAX6972 Product details

General Description
The MAX6972/MAX6973 precision current-sinking, 16-output PWM LED drivers drive red, green, and/or blue LEDs for full-color graphic message boards and video displays. Each output has an individual 12-bit (MAX6972) or 14-bit (MAX6973) PWM-intensity (hue) control and 7-bit (MAX6972) or 5-bit (MAX6973) global PWM intensity (luminance) control. The MAX6972/MAX6973 also fea ure open-circuit LED fault-detection circuitry, as well as a watchdog timer.

Features
♦ 16 LED Current Sink Outputs (Two Banks of Eight Outputs)
♦ 32 LED Drive Option When Multiplexing
♦ 33MHz Clock Supports Up to 63 Frames per Second of Video
♦ Constant Output Current Calibration from 11mA to 55mA in 256 Steps
♦ EZCascade™ Interface Simplifies Multiple Driver Cascading Without External Buffers
♦ 12-Bit or 14-Bit Individual PWM LED Intensity Controls
♦ 7-Bit or 5-Bit Panel PWM-Intensity Control
♦ +3V to +7V LED Power Supply
♦ +3.0V to +3.6V Logic Supply
♦ Open-Circuit LED Fault Detection
♦ Optional Watchdog Timer Blanks Display if Interface Fails
♦ Standard -40°C to +125°C Operating Temperature Range




Similar Part No. - MAX6972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX697 MAXIM-MAX697 Datasheet
481Kb / 12P
Microprocessor Supervisory Circuits
1989
MAX6970 MAXIM-MAX6970 Datasheet
304Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6971 MAXIM-MAX6971 Datasheet
304Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
MAX6971 MAXIM-MAX6971 Datasheet
251Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6971ANG MAXIM-MAX6971ANG Datasheet
304Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
More results


Similar Description - MAX6972

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGD175 TOSHIBA-TLGD175 Datasheet
186Kb / 4P
2 CHIP LED LAMP FOR MESSAGE BOARD
01-Jun-2001
logo
Maxim Integrated Produc...
MAX6974 MAXIM-MAX6974 Datasheet
486Kb / 23P
24-Output PWM LED Drivers for Message Boards
Rev 0; 5/06
MAX6974 MAXIM-MAX6974_07 Datasheet
301Kb / 23P
24-Output PWM LED Drivers for Message Boards
Rev 2; 10/07
logo
Tyco Electronics
2IO MACOM-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
logo
MicroPower Direct, LLC
LD24E MPD-LD24E Datasheet
288Kb / 2P
Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
logo
MicroPower Direct, LLC
LD24E-XX-XXX MPD-LD24E-XX-XXX Datasheet
288Kb / 2P
Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
logo
SHENZHEN FUMAN ELECTRON...
FM6153K FUMAN-FM6153K Datasheet
678Kb / 17P
16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
16-channel PWM constant current output LED driver IC
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
16-channel PWM constant current output LED driver IC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com