Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5094 Datasheet (PDF) - G.M. International

D5094 Datasheet PDF - G.M. International
Part # D5094
Download  D5094 Download
File Size   130.85 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL3 Relay Out Module for 5 A NE/ND Loads

D5094 Datasheet (PDF)

Go To PDF Page Download Datasheet
D5094 Datasheet PDF - G.M. International

Part # D5094
Download  D5094 Click to download

File Size   130.85 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL3 Relay Out Module for 5 A NE/ND Loads

D5094 Datasheet (HTML) - G.M. International


D5094 Product details

FEATURES
SIL 3 / SC 3 for NE/ND loads with NE/ND driver
Installation in Zone 2
Up to 5 A functional / 6 A inrush current
Load disconnection on both supply lines available
High process availability to avoid spurious trips
Compatible with DCS/PLC pulse testing
Service contact available
Input/Output isolation




Similar Part No. - D5094

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5090 GMI-D5090 Datasheet
132Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5090S GMI-D5090S Datasheet
132Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5091 GMI-D5091 Datasheet
147Kb / 2P
SIL3 Relay Out Module for 5 A ND Loads
D5091S GMI-D5091S Datasheet
147Kb / 2P
SIL3 Relay Out Module for 5 A ND Loads
D5093 GMI-D5093 Datasheet
147Kb / 2P
SIL3 24/220Vdc/Vac Transistor-Out Detector
More results


Similar Description - D5094

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5090 GMI-D5090 Datasheet
132Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5091 GMI-D5091 Datasheet
147Kb / 2P
SIL3 Relay Out Module for 5 A ND Loads
D5095 GMI-D5095 Datasheet
130Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads
D5096 GMI-D5096 Datasheet
140Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
D5097 GMI-D5097 Datasheet
140Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
D5098 GMI-D5098 Datasheet
158Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5290 GMI-D5290 Datasheet
134Kb / 2P
SIL3 Relay Out Module for 10 A NE Loads
D5291 GMI-D5291 Datasheet
148Kb / 2P
SIL3 Relay Out Module for 10 A ND Loads
D5294 GMI-D5294 Datasheet
153Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
D5295 GMI-D5295 Datasheet
152Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com