Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX38913 Datasheet (PDF) - Analog Devices

MAX38913 Datasheet PDF - Analog Devices
Part # MAX38913
Download  MAX38913 Download
File Size   1492.6 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection

MAX38913 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX38913 Datasheet PDF - Analog Devices

Part # MAX38913
Download  MAX38913 Click to download

File Size   1492.6 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection

MAX38913 Datasheet (HTML) - Analog Devices


MAX38913 Product details

General Description
The MAX38913 is a low-noise linear regulator that
delivers up to 1A of load current with as low as 4μVRMS
of output noise. The MAX38913 can dynamically change
its output voltage between two separate levels. The
MAX38913 has the pass-through mode which, when
enabled, completely bypasses the linear regulator.
This regulator maintains ±1% output accuracy over a
wide input voltage range, temperature, and load
conditions. The no-load quiescent current in the
regulation mode is 1.37mA. During the pass-through
mode, unlike the conventional dropout mode of an LDO,
the MAX38913 consumes very little quiescent current.
The MAX38913 has a 6Ω active discharge feature to
quickly discharge output capacitors of up to 300μF.
The MAX38913 has 33 programmable output-voltage
settings for both voltage selections.
The MAX38913 is packaged in either a space-saving
12-bump WLP or a full-featured 3mm x 3mm, 14-pin
TDFN package. Optional power-OK and power-on-reset
pins are available in the 14-pin TDFN version.

Benefits and Features
• Delivers Flexible Output Range
• 1.8V to 5.5V Input Voltage Range
• 0.6V to 5.0V Output Voltage Range
• 1A Maximum Output Current
• 28mV Dropout at 1A Load Current and 5.0V Supply
• 33mV Dropout at 1A Load Current and 3.6V Supply
• Excellent DC and AC Performance
• 1% Regulation over Line, Load, and Temperature
• 4μVRMS of Output Noise, 10Hz to 100kHz
• 75dB PSRR at 10kHz
• High-Level System Integration
• Integrated Pass-Through Function
• Fast Active Discharge of 6Ω at OUT
• Dynamic Two-Level Voltage Scaling with 33
Levels for Each Option for Flexible Configuration
• Stable with 4μF (Minimum Capacitance)
• Overcurrent and Overtemperature Protection
• Power-OK/Power-on-Reset Output
• Operation Temperature Range from -40°C to +125°C
• Package
• 12-Bump, 0.4mm-Pitch WLP
• 14-Pin, 3mm x 3mm TDFN

Applications
• Image Sensors
• Portable Sensor Applications
• SD Memory Cards




Similar Part No. - MAX38913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38913 MAXIM-MAX38913 Datasheet
304Kb / 8P
Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm Pitch) WLP
Rev 0; 3/21
MAX38913 MAXIM-MAX38913 Datasheet
909Kb / 19P
4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
logo
Analog Devices
MAX38913 AD-MAX38913 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
MAX38913 AD-MAX38913 Datasheet
1Mb / 20P
4μVRMS Ultra-Low-Noise 1A LDO with Two- Level Output Voltage Selection
19-101015; Rev 3; 4/23
logo
Maxim Integrated Produc...
MAX38913AANC+ MAXIM-MAX38913AANC+ Datasheet
909Kb / 19P
4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
More results


Similar Description - MAX38913

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39105 TSC-TS39105 Datasheet
302Kb / 7P
1A Ultra Low LDO with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Linear Dimensions Semic...
LND5205 LINEAR_DIMENSIONS-LND5205 Datasheet
96Kb / 1P
Ultra Low Noise LDO
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Maxim Integrated Produc...
MAX25307 MAXIM-MAX25307 Datasheet
955Kb / 15P
Two/Three Output Low-Noise LDO Linear Regulators
19-101040; Rev 0; 4/21
MAX38913 MAXIM-MAX38913 Datasheet
909Kb / 19P
4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
Analog Devices
MAX38913 AD-MAX38913_V01 Datasheet
1Mb / 20P
4μVRMS Ultra-Low-Noise 1A LDO with Two- Level Output Voltage Selection
19-101015; Rev 3; 4/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com