Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2201 Datasheet (PDF) - Eaton All Rights Reserved.

C2201 Datasheet PDF - Eaton All Rights Reserved.
Part # C2201
Download  C2201 Download
File Size   423.26 Kbytes
Page   2 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Feed through connector

C2201 Datasheet (PDF)

Go To PDF Page Download Datasheet
C2201 Datasheet PDF - Eaton All Rights Reserved.

Part # C2201
Download  C2201 Click to download

File Size   423.26 Kbytes
Page   2 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Feed through connector

C2201 Datasheet (HTML) - Eaton All Rights Reserved.


C2201 Product details

Product features
• 1000 Vac/Vdc, 200/250 A rating
• Flammability: UL94 V-0
• Materials: Black or Red thermoplastic with
bright tin-plated brass studs, SUS304 nuts
• Temperature rating: +120 °C
• Termination and torque rating:
5/16” - 18 UNC-2A, 100 in-lb (11.3 N-m)
3/8” - 16 UNC-2A, 200 in-lb (22.6 N-m)




Similar Part No. - C2201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C220 ETC2-C220 Datasheet
396Kb / 1P
The C series thin-film PRTDs
logo
Time Electronics Ltd.
C220 TIME-ELECTRONICS-C220 Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
logo
Ohmite Mfg. Co.
C220-025 OHMITE-C220-025 Datasheet
309Kb / 2P
TO-247, TO-220 and TO-264 Package Heatsinks
C220-025 OHMITE-C220-025 Datasheet
525Kb / 2P
Maximum Repeatability Constant spring force over repeated assembly/disassembly
C220-025 OHMITE-C220-025 Datasheet
525Kb / 2P
Ohmite introduces the C series
More results


Similar Description - C2201

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
227-03910 GLENAIR-227-03910 Datasheet
427Kb / 2P
Bulkhead Feed-Through
logo
PHOENIX CONTACT
3100305 PHOENIX-3100305 Datasheet
131Kb / 5P
Feed-through modular terminal block
logo
Weidmuller
0337100000 WEIDMULLER-0337100000 Datasheet
66Kb / 1P
Modular feed-through terminals
1036100000 WEIDMULLER-1036100000 Datasheet
96Kb / 3P
Modular feed-through terminals
1036180000 WEIDMULLER-1036180000 Datasheet
100Kb / 3P
Modular feed-through terminals
logo
Cooper Bussmann, Inc.
C7021-02N-1 COOPER-C7021-02N-1 Datasheet
94Kb / 1P
Power Feed Through Terminal Blocks
logo
Tyco Electronics
408-9607 MACOM-408-9607 Datasheet
142Kb / 5P
Feed- Through Head Assembly
logo
Rosenberger Hochfrequen...
51Z101-006A ROSENBERGER-51Z101-006A Datasheet
40Kb / 2P
BNC 50 CABLE FEED THROUGH
logo
Harwin Plc
W2222-00 HARWIN-W2222-00 Datasheet
151Kb / 1P
FEED THROUGH INSULATOR
logo
PHOENIX CONTACT
3032075 PHOENIX-3032075 Datasheet
53Kb / 2P
Feed-through connector - DMET 5X20
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com