Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1894-40 Datasheet (PDF) - Renesas Technology Corp

ICS1894-40 Datasheet PDF - Renesas Technology Corp
Part # ICS1894-40
Download  ICS1894-40 Download
File Size   575.34 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE

ICS1894-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1894-40 Datasheet PDF - Renesas Technology Corp

Part # ICS1894-40
Download  ICS1894-40 Click to download

File Size   575.34 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE

ICS1894-40 Datasheet (HTML) - Renesas Technology Corp


ICS1894-40 Product details

Features
• Supports category 5 cables and above with attenuation in
excess of 24dB at 100 MHz.
• Single-chip, fully integrated PHY provides PCS, PMA,
PMD, and AUTONEG sub layers functions of IEEE
standard.
• 10Base-T and 100Base-TX IEEE 8802.3 compliant
• MIIM (MDC/MDIO) management bus for PHY register
configuration
• RMII interface support with external 50 MHz system clock
• Single 3.3V power supply
• Highly configurable, supports:
– Media Independent Interface (MII)
– Auto-Negotiation with Parallel detection
– Node applications, managed or unmanaged
– 10M or 100M full and half-duplex modes
– Loopback mode for Diagnostic Functions
• Auto-MDI/MDIX crossover correction
• Low-power CMOS (typically 300 mW)
• Power-Down mode (typically 21mW)
• Clock and crystal supported in MII mode
• Programmable LEDs
• Interrupt output pin
• Fully integrated, DSP-based PMD includes:
– Adaptive equalization and baseline-wander
correction
– Transmit wave shaping and stream cipher
scrambler
– MLT-3 encoder and NRZ/NRZI encoder
• Core power supply (3.3 V)
• 3.3 V/1.8 V VDDIO operation supported
• Smart power control with deep power down feature
• Available in 40-pin (6mm x 6mm) QFN package, Pb-free
• Industrial Temp and Lead Free




Similar Part No. - ICS1894-40

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1894-40 IDT-ICS1894-40 Datasheet
465Kb / 52P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40 Datasheet
342Kb / 53P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40_10 Datasheet
342Kb / 53P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40_11 Datasheet
341Kb / 53P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
More results


Similar Description - ICS1894-40

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1894-32 IDT-ICS1894-32 Datasheet
413Kb / 53P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40 Datasheet
465Kb / 52P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-32 IDT-ICS1894-32_1 Datasheet
489Kb / 53P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-32 IDT-ICS1894-32_10 Datasheet
317Kb / 50P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40_10 Datasheet
342Kb / 53P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40_11 Datasheet
341Kb / 53P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
ICS1894-32 RENESAS-ICS1894-32 Datasheet
513Kb / 51P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
REV M 021512
ICS1894-33 RENESAS-ICS1894-33 Datasheet
554Kb / 39P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
021612
ICS1894-43 RENESAS-ICS1894-43 Datasheet
505Kb / 39P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
030112
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com