Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS851S201I Datasheet (PDF) - Renesas Technology Corp

ICS851S201I Datasheet PDF - Renesas Technology Corp
Part # ICS851S201I
Download  ICS851S201I Download
File Size   657.74 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm

ICS851S201I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS851S201I Datasheet PDF - Renesas Technology Corp

Part # ICS851S201I
Download  ICS851S201I Click to download

File Size   657.74 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm

ICS851S201I Datasheet (HTML) - Renesas Technology Corp


ICS851S201I Product details

Features
• Two differential HCSL output pairs
• Two selectable differential clock input pairs
• CLKx, nCLKx pairs can accept HCSL level inputs
• Low level input detection on selected input (latched)
• Maximum Input frequency: 250MHz
• Output skew: 5ps (typical)
• Propagation delay: 1.4ns (typical)
• Additive RMS phase jitter at 133.33MHz (12kHz - 20MHz):
0.151ps (typical)
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS851S201I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS851S201I IDT-ICS851S201I Datasheet
346Kb / 17P
2:1 Differential-to-HCSL Multiplexer with Low Input Level Alarm
ICS851S201I IDT-ICS851S201I Datasheet
326Kb / 16P
2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm
ICS851S201I IDT-ICS851S201I_18 Datasheet
326Kb / 16P
2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm
More results


Similar Description - ICS851S201I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
REV. A JANUARY 16, 2006
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
logo
Integrated Device Techn...
ICS851S201I IDT-ICS851S201I Datasheet
346Kb / 17P
2:1 Differential-to-HCSL Multiplexer with Low Input Level Alarm
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
2:1 Differential-to-LVDS Multiplexer
ICS851S201I IDT-ICS851S201I_18 Datasheet
326Kb / 16P
2:2 Differential-to-HCSL Multiplexer with Low Input Level Alarm
85102 IDT-85102 Datasheet
244Kb / 17P
Low Skew, 1-to-2, Differential/LVCMOS HCSL Fanout Buffer
853S01 IDT-853S01 Datasheet
435Kb / 23P
2:1 Differential-to-LVPECL Multiplexer
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
2:1 Differential-to-LVDS Multiplexer
September 29, 2022
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com