Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFT25A Datasheet (PDF) - NXP Semiconductors

BFT25A Datasheet PDF - NXP Semiconductors
Part # BFT25A
Download  BFT25A Download
File Size   101.41 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 5 GHz wideband transistor

BFT25A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFT25A Datasheet PDF - NXP Semiconductors

Part # BFT25A
Download  BFT25A Click to download

File Size   101.41 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 5 GHz wideband transistor

BFT25A Datasheet (HTML) - NXP Semiconductors


BFT25A Product details

General description
The BFT25A is a silicon NPN transistor, primarily intended for use in RF low power amplifiers, such as pocket telephones and paging systems with signal frequencies up to 2 GHz.
The transistor is encapsulated in a 3-pin plastic SOT23 envelope.

Features
■ Low current consumption (100 µA to 1 mA)
■ Low noise figure
■ Gold metallization ensures excellent reliability.




Similar Part No. - BFT25A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT25A NXP-BFT25A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT25A NXP-BFT25A_04 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
Rev. 04-6 July 2004
BFT25A PHILIPS-BFT25A_15 Datasheet
146Kb / 15P
NPN 5 GHz wideband transistor
Rev. 5-12 September 2011
logo
Quanzhou Jinmei Electro...
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
BFT25A_2015 JMNIC-BFT25A_2015 Datasheet
100Kb / 14P
BFT25A_2015
More results


Similar Description - BFT25A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
NPN 5 GHz wideband transistor
2000 Mar 28
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
NPN 5 GHz wideband transistor
December 1997
BFQ19 NXP-BFQ19 Datasheet
225Kb / 7P
NPN 5 GHz wideband transistor
Rev. 03-28 September 2007
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFS25A_CNV PHILIPS-BFS25A_CNV_15 Datasheet
259Kb / 13P
NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A_15 Datasheet
146Kb / 15P
NPN 5 GHz wideband transistor
Rev. 5-12 September 2011
logo
Quanzhou Jinmei Electro...
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com