Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS932S422C Datasheet (PDF) - Renesas Technology Corp

ICS932S422C Datasheet PDF - Renesas Technology Corp
Part # ICS932S422C
Download  ICS932S422C Download
File Size   386.78 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen 2 main Clock for Intel-based Servers

ICS932S422C Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS932S422C Datasheet PDF - Renesas Technology Corp

Part # ICS932S422C
Download  ICS932S422C Click to download

File Size   386.78 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCIe Gen 2 main Clock for Intel-based Servers

ICS932S422C Datasheet (HTML) - Renesas Technology Corp


ICS932S422C Product details

Output Features:
• 5 - 0.7V current-mode differential CPU pairs
• 4 - 0.7V current-mode differential SRC pair
• 4 - PCI (33MHz)
• 3 - PCICLK_F, (33MHz) free-running
• 1 - 48MHz
• 2 - REF, 14.318MHz
Key Specifications:
• CPU cycle-cycle jitter: < 50ps
• SRC cycle-cycle jitter: < 125ps
• PCI cycle-cycle jitter: < 500ps
• CPU output skew: < 100ps
• SRC output skew: < 250ps
• ± 300ppm frequency accuracy on all outputs except 48MHz
• ± 100ppm frequency accuracy on 48MHz

Features/Benefits:
• Supports spread spectrum modulation, 0 to -0.5%
down spread
• Uses external 14.318MHz crystal and external load
capacitors for low ppm synthesis error
• CPU clocks independent of SRC/PCI clocks
• D2/D3 SMBus address
• Compliant with PCIe Gen II phase noise specifications




Similar Part No. - ICS932S422C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS932S422C ICST-ICS932S422C Datasheet
193Kb / 21P
PCIe Gen 2 main Clock for Intel-based Servers
ICS932S422CFLFT ICST-ICS932S422CFLFT Datasheet
193Kb / 21P
PCIe Gen 2 main Clock for Intel-based Servers
ICS932S422CGLFT ICST-ICS932S422CGLFT Datasheet
193Kb / 21P
PCIe Gen 2 main Clock for Intel-based Servers
More results


Similar Description - ICS932S422C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS932S422C ICST-ICS932S422C Datasheet
193Kb / 21P
PCIe Gen 2 main Clock for Intel-based Servers
logo
Integrated Device Techn...
ICS932S421B IDT-ICS932S421B Datasheet
226Kb / 23P
PCIe Gen2 and QPI Clock for Intel-Based Servers
932SQ420DGLFT IDT-932SQ420DGLFT Datasheet
412Kb / 27P
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
ICS932SQ420DGLF IDT-ICS932SQ420DGLF Datasheet
412Kb / 27P
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
logo
Pericom Semiconductor C...
PI6C49004A PERICOM-PI6C49004A Datasheet
730Kb / 13P
PCIe Gen 2 Networking Clock Generator
logo
Renesas Technology Corp
932SQ420D RENESAS-932SQ420D Datasheet
616Kb / 29P
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV J 010715
932SQ425 RENESAS-932SQ425 Datasheet
440Kb / 23P
PCIE GEN2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV B 042312
932SQ428 RENESAS-932SQ428 Datasheet
560Kb / 23P
PCIE GEN 2/3 & QPI CLOCK FOR ROMLEY-BASED SERVERS
REV E 042312
ICS932S421B RENESAS-ICS932S421B Datasheet
364Kb / 24P
PCIe Gen2 and QPI Clock for Intel-Based Servers
01/26/10
ICS932S431A RENESAS-ICS932S431A Datasheet
443Kb / 23P
PCIe Gen 2 and QPI Clock for Intel-based Servers
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com