Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337GDVGI Datasheet (PDF) - Renesas Technology Corp

1337GDVGI Datasheet PDF - Renesas Technology Corp
Part # 1337GDVGI
Download  1337GDVGI Download
File Size   467.21 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description REAL-TIME CLOCK WITH I2C SERIAL INTERFACE

1337GDVGI Datasheet (PDF)

Go To PDF Page Download Datasheet
1337GDVGI Datasheet PDF - Renesas Technology Corp

Part # 1337GDVGI
Download  1337GDVGI Click to download

File Size   467.21 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description REAL-TIME CLOCK WITH I2C SERIAL INTERFACE

1337GDVGI Datasheet (HTML) - Renesas Technology Corp


1337GDVGI Product details

Features
• Real-Time Clock (RTC) counts seconds, minutes, hours,
day, date, month, and year with leap-year compensation
valid up to 2100
• Packaged in 8-pin MSOP, 8-pin SOIC, 16-pin VFQFPN
(without integrated crystal), or 16-pin SOIC
(surface-mount package with an integrated crystal)
• I2C Serial interface (Normal and Fast modes)
• Two time-of-day alarms
• Oscillator Stop Flag
• Programmable square-wave output defaults to 32 kHz on
power-up
• Operating voltage of 1.8 to 5.5 V
• Industrial temperature range (-40 to +85°C)




Similar Part No. - 1337GDVGI

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
1337G1 APP-1337G1 Datasheet
1Mb / 13P
PP15/45 series are the smallest Powerpole® housings.
REV C7
1337G1 APP-1337G1 Datasheet
1Mb / 11P
Powerpole® Connectors - PP15 to PP45 : up to 55 Amps
REV C4.3
1337G1 APP-1337G1 Datasheet
235Kb / 2P
45 amp High Power PCB
More results


Similar Description - 1337GDVGI

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
I2C Serial Real-Time Clock
REV: 092006
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
I2C Serial Real-Time Clock
7/09
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
I2C Serial Real-Time Clock
Rev 4/11
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
RICOH electronics devic...
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
April 1, 2012
logo
Renesas Technology Corp
IDT1337AG RENESAS-IDT1337AG Datasheet
401Kb / 27P
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
REV D 071417
IDT1339 RENESAS-IDT1339 Datasheet
488Kb / 27P
REAL-TIME CLOCK WITH SERIAL I2C INTERFACE IDT1339
REV S 031014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com