Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP120-ABBU3 Datasheet (PDF) - FSP TECHNOLOGY INC.

FSP120-ABBU3 Datasheet PDF - FSP TECHNOLOGY INC.
Part # FSP120-ABBU3
Download  FSP120-ABBU3 Download
File Size   178.95 Kbytes
Page   3 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description 120W Adapter

FSP120-ABBU3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSP120-ABBU3 Datasheet PDF - FSP TECHNOLOGY INC.

Part # FSP120-ABBU3
Download  FSP120-ABBU3 Click to download

File Size   178.95 Kbytes
Page   3 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description 120W Adapter

FSP120-ABBU3 Datasheet (HTML) - FSP TECHNOLOGY INC.


FSP120-ABBU3 Product details

FEATURES
‧ Certified IEC 62368-1 & CB60950-1
‧Meet USA EISA2007
‧Meet Energy Efficiency DOE LevelVI
‧Meet Code of Conduct Version 5 Tier2
‧HighReliability
‧LowProfile
‧Over CurrentProtection
‧Over TemperatureProtection
‧Over VoltageProtection
‧With PFCCircuit




Similar Part No. - FSP120-ABBU3

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP120-ABBN2 FSP-FSP120-ABBN2 Datasheet
68Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
logo
Sparkle Power Inc.
FSP120-ABBN2 SPI-FSP120-ABBN2 Datasheet
48Kb / 1P
High efficiency and reliability
More results


Similar Description - FSP120-ABBU3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4241V SANYO-STK4241V Datasheet
90Kb / 4P
AF Power Amplifier (Split Power Supply) (120W120W min, THD = 0.08%)
logo
Seme LAB
D2085UK SEME-LAB-D2085UK Datasheet
13Kb / 1P
TetraFET 120W - 28V - 0.8GHz
logo
Sanyo Semicon Device
STK415-140-E SANYO-STK415-140-E Datasheet
186Kb / 12P
2-Channel Power Switching Audio Power IC, 120W120W
logo
XP Power Limited
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
120W Convection-cooled Rating
logo
MicroPower Direct, LLC
MDR-120S MPD-MDR-120S Datasheet
569Kb / 2P
120W Output Power
logo
ETA-USA
AOFD-120 ETA-USA-AOFD-120 Datasheet
1Mb / 4P
120W Din Rail Mount
logo
List of Unclassifed Man...
MOT-BL-DRV-120 ETC-MOT-BL-DRV-120 Datasheet
303Kb / 1P
Brushless Motor Driver 120W
logo
Ningbo Leison Motor Co....
LS-5IK120-5GU NINGBO-LS-5IK120-5GU Datasheet
956Kb / 1P
Induction Motor 120W
LS-6IK120-6GU NINGBO-LS-6IK120-6GU Datasheet
937Kb / 1P
Induction Motor 120W
LS-Z5D120-5GU NINGBO-LS-Z5D120-5GU Datasheet
750Kb / 1P
DC Motor 120W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com