Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP150-AJBU3 Datasheet (PDF) - FSP TECHNOLOGY INC.

FSP150-AJBU3 Datasheet PDF - FSP TECHNOLOGY INC.
Part # FSP150-AJBU3
Download  FSP150-AJBU3 Download
File Size   269.28 Kbytes
Page   3 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description 150W 19V Adapter

FSP150-AJBU3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSP150-AJBU3 Datasheet PDF - FSP TECHNOLOGY INC.

Part # FSP150-AJBU3
Download  FSP150-AJBU3 Click to download

File Size   269.28 Kbytes
Page   3 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description 150W 19V Adapter

FSP150-AJBU3 Datasheet (HTML) - FSP TECHNOLOGY INC.


FSP150-AJBU3 Product details

FEATURES
‧Certified IEC 62368 1 & C B 60950 1
‧Meet USA EIS A 2007
‧Meet Energy Efficiency DOE Leve l VI
‧Meet Code of Conduct Version 5 Tie r 2
‧High Reliability
‧Low Profile
‧Over Curren t Protection
‧Over Temperatur e Protection
‧Over Voltag e Protection
‧With PF C Circuit




Similar Part No. - FSP150-AJBU3

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP150-AAAN2 FSP-FSP150-AAAN2 Datasheet
127Kb / 1P
IPC systems, Embedded systems, Printers, Monitors
logo
Sparkle Power Inc.
FSP150-AAAN2 SPI-FSP150-AAAN2 Datasheet
609Kb / 5P
AC-DC POWER SUPPLY
FSP150-AAAN3 SPI-FSP150-AAAN3 Datasheet
702Kb / 6P
AC-DC POWER SUPPLY
logo
FSP TECHNOLOGY INC.
FSP150-AABN2 FSP-FSP150-AABN2 Datasheet
127Kb / 1P
IPC systems, Embedded systems, Printers, Monitors
logo
Sparkle Power Inc.
FSP150-ABAN1 SPI-FSP150-ABAN1 Datasheet
97Kb / 1P
150 Watts Power Adapter High efficiency and reliability
More results


Similar Description - FSP150-AJBU3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-130N-E SANYO-STK433-130N-E Datasheet
291Kb / 11P
2channel class-AB Audio Power IC 150W150W
STK433-330N-E SANYO-STK433-330N-E Datasheet
279Kb / 11P
3channel class-AB Audio Power IC 150W150W150W
logo
AAEON Technology
1757912001 AAEON-1757912001 Datasheet
130Kb / 1P
Output Voltage: 19V
logo
MicroPower Direct, LLC
LDC-150 MPD-LDC-150 Datasheet
1Mb / 4P
150W Output Power
logo
Microchip Technology
MIC24045 MICROCHIP-MIC24045 Datasheet
979Kb / 46P
I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
logo
CINCON ELECTRONICS Corp...
TRH150A CINCON-TRH150A Datasheet
523Kb / 3P
150W SWITCHING ADAPTER WITH PFC
logo
FSP TECHNOLOGY INC.
FSP090-ABBU3 FSP-FSP090-ABBU3 Datasheet
526Kb / 3P
90W 19V Adapter
2021.04
FSP180-AJBU3 FSP-FSP180-AJBU3 Datasheet
269Kb / 3P
180W 19V Adapter
2021.04
logo
Lite-On Technology Corp...
PA-1151-08E LITEON-PA-1151-08E Datasheet
304Kb / 3P
Industrial Adapter 19V Series
PA-1900-88 LITEON-PA-1900-88 Datasheet
311Kb / 3P
Industrial Adapter 19V Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com