Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL12-15M-LED-277 Datasheet (PDF) - Hatch Lighting.

RL12-15M-LED-277 Datasheet PDF - Hatch Lighting.
Part # RL12-15M-LED-277
Download  RL12-15M-LED-277 Download
File Size   215.86 Kbytes
Page   1 Pages
Manufacturer  HATCH [Hatch Lighting.]
Direct Link  https://www.hatchlighting.com/
Logo HATCH - Hatch Lighting.
Description RL LED SERIES

RL12-15M-LED-277 Datasheet (PDF)

Go To PDF Page Download Datasheet
RL12-15M-LED-277 Datasheet PDF - Hatch Lighting.

Part # RL12-15M-LED-277
Download  RL12-15M-LED-277 Click to download

File Size   215.86 Kbytes
Page   1 Pages
Manufacturer  HATCH [Hatch Lighting.]
Direct Link  https://www.hatchlighting.com/
Logo HATCH - Hatch Lighting.
Description RL LED SERIES

RL12-15M-LED-277 Datasheet (HTML) - Hatch Lighting.


RL12-15M-LED-277 Product details

- Multiple units supported per circuit
- Suitable for dry and damp locations
- Withstanding voltage:
I/P – O/P 2kVAC
- Surge rating: NEMA SSL1-2010 non-roadway 2.5kV
- Operating temperature range: -20°C to 90°C
(measured at Tcase)
- Minimum Load: 2W/120V, 5W/277V
-Wide dimming range*
- Recommended ELV dimming*
- Suitable for AC LED or halogen loads
PRODUCT FEATURES




Similar Part No. - RL12-15M-LED-277

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL1206 ETC1-RL1206 Datasheet
307Kb / 9P
LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL1206 YAGEO-RL1206 Datasheet
307Kb / 9P
LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
RL1206 YAGEO-RL1206 Datasheet
579Kb / 9P
LOW OHMIC CHIP RESISTORS
RL1206 YAGEO-RL1206 Datasheet
804Kb / 9P
Chip Resistor Surface Mount
June 01, 2017 V.2
logo
Ruilongyuan Electronics...
RL1206A RUILON-RL1206A Datasheet
721Kb / 5P
Metal Oxide Varistors
More results


Similar Description - RL12-15M-LED-277

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0816155 PHOENIX-0816155 Datasheet
48Kb / 3P
Label - EML (20X8)RL YE
0816168 PHOENIX-0816168 Datasheet
48Kb / 3P
Label - EML (30X20)RL YE
logo
Weidmuller
2747090000 WEIDMULLER-2747090000 Datasheet
2Mb / 8P
FMH3 S1/20V F1 B RL
2747080000 WEIDMULLER-2747080000 Datasheet
2Mb / 8P
FMH3 S1/16V F1 B RL
2747010000 WEIDMULLER-2747010000 Datasheet
2Mb / 8P
FMH1 S1/26V F1 B RL
2747460000 WEIDMULLER-2747460000 Datasheet
2Mb / 8P
FFH S1/26H F1 B RL
2747430000 WEIDMULLER-2747430000 Datasheet
2Mb / 8P
FFH S1/12H F1 B RL
2747190000 WEIDMULLER-2747190000 Datasheet
2Mb / 8P
FMH S1/26H F1 B RL
2747180000 WEIDMULLER-2747180000 Datasheet
2Mb / 8P
FMH S1/20H F1 B RL
2747110000 WEIDMULLER-2747110000 Datasheet
2Mb / 8P
FMH3 S1/32V F1 B RL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com