Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM-MBWHA506 Datasheet (PDF) - Advantech Co., Ltd.

ARM-MBWHA506 Datasheet PDF - Advantech Co., Ltd.
Part # ARM-MBWHA506
Download  ARM-MBWHA506 Download
File Size   653.57 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 10.1" Healthcare/Hospitality Information Terminal

ARM-MBWHA506 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARM-MBWHA506 Datasheet PDF - Advantech Co., Ltd.

Part # ARM-MBWHA506
Download  ARM-MBWHA506 Click to download

File Size   653.57 Kbytes
Page   4 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 10.1" Healthcare/Hospitality Information Terminal

ARM-MBWHA506 Datasheet (HTML) - Advantech Co., Ltd.


ARM-MBWHA506 Product details

Features
ƒ Freescale iMX6 A9 Quad Core All-in-One computer
ƒ 10.1" 16:10 display with P-Cap multi-touch operation
ƒ 2MP camera for VOIP application
ƒ High quality integrated microphone with Acoustic Echo Cancellation (AEC)
ƒ Supports Power-over-Ethernet (PoE)
ƒ Supports Android operating systems
ƒ Available wall mount kit for various embedded applications
ƒ Equipped with DeviceOn/iService software for remote device management




Similar Part No. - ARM-MBWHA506

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARM-MBWHA506 ADVANTECH-ARM-MBWHA506 Datasheet
797Kb / 4P
Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
More results


Similar Description - ARM-MBWHA506

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HIT-R181BR-AMW1E ADVANTECH-HIT-R181BR-AMW1E Datasheet
480Kb / 2P
New Revolutionary 18.5" Healthcare/ Hospitality Infotainment Terminals
HIT-W101C ADVANTECH-HIT-W101C Datasheet
370Kb / 2P
10.1' Healthcare/Hospitality Information Terminal
HIT-W121 ADVANTECH-HIT-W121 Datasheet
943Kb / 2P
11.6' Healthcare/Hospitality Infotainment Terminal with Intel Atom N450/D510 Processors
HIT-W121B ADVANTECH-HIT-W121B Datasheet
1Mb / 2P
11.6' Healthcare/Hospitality Infortainment Terminal
HIT-W222H ADVANTECH-HIT-W222H Datasheet
671Kb / 2P
21.5' Healthcare Information Terminal
HIT-W101C ADVANTECH-HIT-W101C_V01 Datasheet
605Kb / 4P
10.1 Healthcare/Hospitality Information Terminal
10-Sep-2021
HIT-W153 ADVANTECH-HIT-W153 Datasheet
941Kb / 2P
Innovative 15.6 Healthcare/Hospitality Information Terminal
12-Mar-2018
HIT-W183 ADVANTECH-HIT-W183 Datasheet
998Kb / 2P
Innovative 18.5 Healthcare/Hospitality Information Terminal
9-Feb-2018
HIT-507 ADVANTECH-HIT-507 Datasheet
605Kb / 2P
7" Healthcare Information Terminal
3-Jun-2020
HIT-512 ADVANTECH-HIT-512 Datasheet
797Kb / 4P
Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com