Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFT93 Datasheet (PDF) - NXP Semiconductors

BFT93 Datasheet PDF - NXP Semiconductors
Part # BFT93
Download  BFT93 Download
File Size   48.04 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP 5 GHz wideband transistor

BFT93 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFT93 Datasheet PDF - NXP Semiconductors

Part # BFT93
Download  BFT93 Click to download

File Size   48.04 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP 5 GHz wideband transistor

BFT93 Datasheet (HTML) - NXP Semiconductors


BFT93 Product details

DESCRIPTION
PNP transistor in a plastic SOT23 envelope.

It is primarily intended for use in RF wideband amplifiers, such as in aerial amplifiers, radar systems, oscilloscopes, spectrum analyzers, etc. The transistor features low intermodulation distortion and high power gain; due to its very high transition frequency, it also has excellent wideband properties and low noise up to high frequencies.

NPN complements are BFR93 and BFR93A.




Similar Part No. - BFT93

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFT93 SIEMENS-BFT93 Datasheet
58Kb / 7P
PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA)
logo
NXP Semiconductors
BFT93 NXP-BFT93 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT93W PHILIPS-BFT93W Datasheet
127Kb / 24P
PNP 4 GHz wideband transistor
March 1994
BFT93W NXP-BFT93W Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT93W PHILIPS-BFT93W_15 Datasheet
1Mb / 22P
PNP 4 GHz wideband transistor
March 1994
More results


Similar Description - BFT93

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG31 PHILIPS-BFG31 Datasheet
49Kb / 7P
PNP 5 GHz wideband transistor
1995 Sep 12
BFQ149 PHILIPS-BFQ149 Datasheet
37Kb / 6P
PNP 5 GHz wideband transistor
September 1995
BFT92 PHILIPS-BFT92 Datasheet
47Kb / 8P
PNP 5 GHz wideband transistor
November 1992
BFT92W PHILIPS-BFT92W Datasheet
91Kb / 12P
PNP 4 GHz wideband transistor
May 1994
BFT93W PHILIPS-BFT93W Datasheet
127Kb / 24P
PNP 4 GHz wideband transistor
March 1994
BFQ149 NXP-BFQ149 Datasheet
227Kb / 7P
PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
BFG31 PHILIPS-BFG31_15 Datasheet
228Kb / 9P
PNP 5 GHz wideband transistor
1995 Sep 12
BFQ149_N PHILIPS-BFQ149_N_15 Datasheet
233Kb / 7P
PNP 5 GHz wideband transistor
Rev. 03-28 September 2007
BFT92_CNV PHILIPS-BFT92_CNV_15 Datasheet
208Kb / 10P
PNP 5 GHz wideband transistor
November 1992
BFT93_CNV PHILIPS-BFT93_CNV_15 Datasheet
209Kb / 10P
PNP 5 GHz wideband transistor
November 1992
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com