Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC11U2X Datasheet (PDF) - NXP Semiconductors

LPC11U2X Datasheet PDF - NXP Semiconductors
Part # LPC11U2X
Download  LPC11U2X Download
File Size   1815.64 Kbytes
Page   74 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART

LPC11U2X Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC11U2X Datasheet PDF - NXP Semiconductors

Part # LPC11U2X
Download  LPC11U2X Click to download

File Size   1815.64 Kbytes
Page   74 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART

LPC11U2X Datasheet (HTML) - NXP Semiconductors


LPC11U2X Product details

description
The LPC11U2x are an ARM Cortex-M0 based, low-cost 32-bit MCU family, designed for
8/16-bit microcontroller applications, offering performance, low power, simple instruction
set and memory addressing together with reduced code size compared to existing 8/16-bit
architectures.
The LPC11U2x operate at CPU frequencies of up to 50 MHz.
Equipped with a highly flexible and configurable Full-Speed USB 2.0 device controller, the
LPC11U2x brings unparalleled design flexibility and seamless integration to today’s
demanding connectivity solutions.
The peripheral complement of the LPC11U2x includes up to 32 kB of flash memory, up to
10 kB of SRAM data memory and 4 kB EEPROM, one Fast-mode Plus I2C-bus interface,
one RS-485/EIA-485 USART with support for synchronous mode and smart card
interface, two SSP interfaces, four general-purpose counter/timers, a 10-bit ADC
(Analog-to-Digital Converter), and up to 54 general-purpose I/O pins.
For additional documentation related to the LPC11U2x parts, see Section 15
“References”.

Features and benefits
 System:
 ARM Cortex-M0 processor, running at frequencies of up to 50 MHz.
 ARM Cortex-M0 built-in Nested Vectored Interrupt Controller (NVIC).
 Non-Maskable Interrupt (NMI) input selectable from several input sources.
 System tick timer.
 Memory:
 Up to 32 kB on-chip flash program memory.
 Up to 4 kB on-chip EEPROM data memory; byte erasable and byte programmable.
 Up to 10 kB SRAM data memory.
 16 kB boot ROM.
 In-System Programming (ISP) and In-Application Programming (IAP) for flash and
EEPROM via on-chip bootloader software.
 ROM-based USB drivers. Flash updates via USB supported.
 ROM-based 32-bit integer division routines.
 Debug options:
 Standard JTAG (Joint Test Action Group) test interface for BSDL (Boundary Scan
Description Language).
 Serial Wire Debug.
 Digital peripherals:
 Up to 54 General-Purpose I/O (GPIO) pins with configurable pull-up/pull-down
resistors, repeater mode, and open-drain mode.
 Up to 8 GPIO pins can be selected as edge and level sensitive interrupt sources.
 Two GPIO grouped interrupt modules enable an interrupt based on a
programmable pattern of input states of a group of GPIO pins.
 High-current source output driver (20 mA) on one pin.
 High-current sink driver (20 mA) on true open-drain pins.
 Four general-purpose counter/timers with a total of up to 5 capture inputs and 13
match outputs.
 Programmable Windowed WatchDog Timer (WWDT) with a dedicated, internal
low-power WatchDog Oscillator (WDO).
 Analog peripherals:
 10-bit ADC with input multiplexing among eight pins.
 Serial interfaces:
 USB 2.0 full-speed device controller.
 USART (Universal Synchronous Asynchronous Receiver/Transmitter) with
fractional baud rate generation, internal FIFO, a full modem control handshake
interface, and support for RS-485/9-bit mode and synchronous mode. USART
supports an asynchronous smart card interface (ISO 7816-3).
 Two SSP (Synchronous Serial Port) controllers with FIFO and multi-protocol
capabilities.
 I2C-bus interface supporting the full I2C-bus specification and Fast-mode Plus with
a data rate of up to 1 Mbit/s with multiple address recognition and monitor mode.
 Clock generation:
 Crystal Oscillator with an operating range of 1 MHz to 25 MHz (system oscillator).
 12 MHz high-frequency Internal RC oscillator (IRC) that can optionally be used as
a system clock.
 Internal low-power, low-frequency WatchDog Oscillator (WDO) with programmable
frequency output.
 PLL allows CPU operation up to the maximum CPU rate with the system oscillator
or the IRC as clock sources.
 A second, dedicated PLL is provided for USB.
 Clock output function with divider that can reflect the crystal oscillator, the main
clock, the IRC, or the watchdog oscillator.
 Power control:
 Integrated PMU (Power Management Unit) to minimize power consumption during
Sleep, Deep-sleep, Power-down, and Deep power-down modes.
 Power profiles residing in boot ROM provide optimized performance and minimized
power consumption for any given application through one simple function call.
 Four reduced power modes: Sleep, Deep-sleep, Power-down, and Deep
power-down.
 Processor wake-up from Deep-sleep and Power-down modes via reset, selectable
GPIO pins, watchdog interrupt, or USB port activity.
 Processor wake-up from Deep power-down mode using one special function pin.
 Power-On Reset (POR).
 Brownout detect with four separate thresholds for interrupt and forced reset.
 Unique device serial number for identification.
 Single 3.3 V power supply (1.8 V to 3.6 V).
 Temperature range 40 C to +85 C.
 Available as LQFP64, LQFP48, TFBGA48, and HVQFN33 packages.

Applications
 Consumer peripherals  Handheld scanners
 Medical  USB audio devices
 Industrial control




Similar Part No. - LPC11U2X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U2X PHILIPS-LPC11U2X Datasheet
1Mb / 67P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011
More results


Similar Description - LPC11U2X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC11U1X NXP-LPC11U1X Datasheet
914Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC11U2X PHILIPS-LPC11U2X Datasheet
1Mb / 67P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
LPC11E36 NXP-LPC11E36 Datasheet
1Mb / 66P
32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
Rev. 2-21 November 2013
LPC11U34 NXP-LPC11U34 Datasheet
1Mb / 76P
32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Rev. 2-25 November 2013
LPC11U3X NXP-LPC11U3X Datasheet
2Mb / 77P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com