Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC144TE Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTC144TE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTC144TE
Download  PDTC144TE Download
File Size   404.47 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open

PDTC144TE Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTC144TE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTC144TE
Download  PDTC144TE Click to download

File Size   404.47 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open

PDTC144TE Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTC144TE Product details

FEATURES
•Built-in bias resistors
•Simplified circuit design
•Reduction of component count
•Reduced pick and place costs.
APPLICATIONS
•General purpose switching and amplification
•Inverter and interface circuits
•Circuit driver.
DESCRIPTION
NPN resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details).




Similar Part No. - PDTC144TE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144TE PHILIPS-PDTC144TE Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
PDTC144TE NXP-PDTC144TE Datasheet
181Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC144TE NEXPERIA-PDTC144TE Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTC144TE NEXPERIA-PDTC144TE Datasheet
401Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 05
logo
NXP Semiconductors
PDTC144TEF PHILIPS-PDTC144TEF Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
More results


Similar Description - PDTC144TE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC124X_SER NEXPERIA-PDTC124X_SER Datasheet
260Kb / 13P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 47 kΩ
Rev. 07 - 16 November 2009
PDTC144T_SERIES NEXPERIA-PDTC144T_SERIES Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTC144V_SER NEXPERIA-PDTC144V_SER Datasheet
260Kb / 12P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PDTC144W_SERIES NEXPERIA-PDTC144W_SERIES Datasheet
422Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
PDTA144T_SERIES NEXPERIA-PDTA144T_SERIES Datasheet
401Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 05
PDTC143T_SER NEXPERIA-PDTC143T_SER Datasheet
402Kb / 15P
NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PQMD12 NEXPERIA-PQMD12 Datasheet
689Kb / 14P
NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
8 July 2015
PDTC124T_SER NEXPERIA-PDTC124T_SER Datasheet
403Kb / 15P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC144W_SER NEXPERIA-PDTC144W_SER Datasheet
422Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
PIMH9 NEXPERIA-PIMH9 Datasheet
221Kb / 11P
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ
12 August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com