Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC144WE Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTC144WE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTC144WE
Download  PDTC144WE Download
File Size   422.12 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ

PDTC144WE Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTC144WE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTC144WE
Download  PDTC144WE Click to download

File Size   422.12 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ

PDTC144WE Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTC144WE Product details

FEATURES
•Built-in bias resistors
•Simplified circuit design
•Reduction of component count
•Reduced pick and place costs.
APPLICATIONS
•General purpose switching and amplification
•Inverter and interface circuits
•Circuit driver.
DESCRIPTION
NPN resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details).




Similar Part No. - PDTC144WE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144WE PHILIPS-PDTC144WE Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PDTC144WE PHILIPS-PDTC144WE Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC144WE NXP-PDTC144WE Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144WE PHILIPS-PDTC144WE Datasheet
189Kb / 14P
NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC144WE NEXPERIA-PDTC144WE Datasheet
422Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
More results


Similar Description - PDTC144WE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC124X_SER NEXPERIA-PDTC124X_SER Datasheet
260Kb / 13P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 47 kΩ
Rev. 07 - 16 November 2009
PDTC144T_SERIES NEXPERIA-PDTC144T_SERIES Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTC144V_SER NEXPERIA-PDTC144V_SER Datasheet
260Kb / 12P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PDTC144W_SERIES NEXPERIA-PDTC144W_SERIES Datasheet
422Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
PDTA144W_SERIES NEXPERIA-PDTA144W_SERIES Datasheet
420Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
PUMD12-Q NEXPERIA-PUMD12-Q Datasheet
277Kb / 15P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
16 December 2021
PUMD48-Q NEXPERIA-PUMD48-Q Datasheet
253Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
PQMD12 NEXPERIA-PQMD12 Datasheet
689Kb / 14P
NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
8 July 2015
PDTC144T_SER NEXPERIA-PDTC144T_SER Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PIMH9 NEXPERIA-PIMH9 Datasheet
221Kb / 11P
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ
12 August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com