Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMH7 Datasheet (PDF) - Nexperia B.V. All rights reserved

PEMH7 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PEMH7
Download  PEMH7 Download
File Size   344.22 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open

PEMH7 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEMH7 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PEMH7
Download  PEMH7 Click to download

File Size   344.22 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open

PEMH7 Datasheet (HTML) - Nexperia B.V. All rights reserved


PEMH7 Product details

FEATURES
•Built-in bias resistors
•Simplified circuit design
•Reduction of component count
•Reduced pick and place costs.
APPLICATIONS
•Low current peripheral driver
•Replacement of general purpose transistors in digital applications
•Control of IC inputs.
DESCRIPTION
NPN/NPN resistor-equipped transistors (see “Simplified outline, symbol and pinning” for package details).




Similar Part No. - PEMH7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH7 PHILIPS-PEMH7 Datasheet
50Kb / 8P
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Oct 22
PEMH7 NXP-PEMH7 Datasheet
137Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 02
logo
Nexperia B.V. All right...
PEMH7 NEXPERIA-PEMH7 Datasheet
136Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 15
PEMH7 NEXPERIA-PEMH7 Datasheet
297Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Apr 07
logo
NXP Semiconductors
PEMH7_PUMH7 PHILIPS-PEMH7_PUMH7_15 Datasheet
137Kb / 8P
NPN/NPN resistor-equipped transistors R1 = 4.7 k廓, R2 = open
2003 Oct 02
More results


Similar Description - PEMH7

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMH4 NEXPERIA-PEMH4 Datasheet
209Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2004 Apr 14
PDTC124T_SERIES NEXPERIA-PDTC124T_SERIES Datasheet
403Kb / 15P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC143T_SERIES NEXPERIA-PDTC143T_SERIES Datasheet
402Kb / 15P
NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC144T_SERIES NEXPERIA-PDTC144T_SERIES Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PUMH15-Q NEXPERIA-PUMH15-Q Datasheet
236Kb / 11P
NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
11 May 2022
PDTA143T_SERIES NEXPERIA-PDTA143T_SERIES Datasheet
385Kb / 15P
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
PDTC143T_SER NEXPERIA-PDTC143T_SER Datasheet
402Kb / 15P
NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC124T_SER NEXPERIA-PDTC124T_SER Datasheet
403Kb / 15P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC144T_SER NEXPERIA-PDTC144T_SER Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PUMD6 NEXPERIA-PUMD6 Datasheet
297Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Apr 07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com