Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC7SET04 Datasheet (PDF) - Nexperia B.V. All rights reserved

XC7SET04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # XC7SET04
Download  XC7SET04 Download
File Size   198.32 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Inverter

XC7SET04 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC7SET04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # XC7SET04
Download  XC7SET04 Click to download

File Size   198.32 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Inverter

XC7SET04 Datasheet (HTML) - Nexperia B.V. All rights reserved


XC7SET04 Product details

1. General description
XC7SET04 is a high-speed Si-gate CMOS devices. It provides an inverting buffer.
2. Features and benefits
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• TTL input levels
• ESD protection:
• HBM JESD22-A114E: exceeds 2000 V
• MM JESD22-A115-A: exceeds 200 V
• CDM JESD22-C101C: exceeds 1000 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - XC7SET04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SET04 PHILIPS-XC7SET04 Datasheet
73Kb / 11P
High-speed Si-gate CMOS devices, Inverting buffer
Rev. 01-1 September 2009
XC7SET04GV PHILIPS-XC7SET04GV Datasheet
73Kb / 11P
High-speed Si-gate CMOS devices, Inverting buffer
Rev. 01-1 September 2009
XC7SET04GW PHILIPS-XC7SET04GW Datasheet
73Kb / 11P
High-speed Si-gate CMOS devices, Inverting buffer
Rev. 01-1 September 2009
More results


Similar Description - XC7SET04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
INVERTER
logo
Toshiba Semiconductor
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
INVERTER
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
Inverter
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
INVERTER
logo
Renesas Technology Corp
RJP1CS04DWA RENESAS-RJP1CS04DWA_15 Datasheet
114Kb / 4P
Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com