Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8206YR Datasheet (PDF) - Analog Devices

AD8206YR Datasheet PDF - Analog Devices
Part # AD8206YR
Download  AD8206YR Download
File Size   262.94 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply 42 V System Difference Amplifier

AD8206YR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8206YR Datasheet PDF - Analog Devices

Part # AD8206YR
Download  AD8206YR Click to download

File Size   262.94 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply 42 V System Difference Amplifier

AD8206YR Datasheet (HTML) - Analog Devices


AD8206YR Product details

GENERAL DESCRIPTION
The AD8206 is a single-supply difference amplifier for amplifying small differential voltages in the presence of large common-mode voltages. The operating input common-mode voltage range extends from −2 V to +65 V. The typical single-supply voltage is 5 V.
The AD8206 is offered in an 8-lead SOIC package. The Y grade and WY grade models are rated for operation from −40°C to +125°C. The WH grade is rated from −40°C to +150°C.
Excellent DC performance over temperature keeps errors in the measurement loop to a minimum. Offset drift is typically less than 15 µV/°C, and gain drift is typically below 30 ppm/°C. The output offset can be adjusted from 0.08 V to 4.7 V with a 5 V supply by using the VREF1 and VREF2 pins. With VREF1 attached to the V+ pin, and VREF2 attached to the GND pin, the output is set at half scale. Attaching both pins to GND causes the output to be unipolar, starting near ground. Attaching both pins to V+ causes the output to be unipolar starting near V+. Other offsets can be obtained by applying an external voltage to the VREF1 and VREF2 pins.

FEATURES
   Ideal for current shunt applications
   High common-mode voltage range
      −2 V to +65 V operating
      −25 V to +75 V survival
   Gain = 20
   Wide operating temperature range
      −40°C to +125°C for Y grade and WY grade
      −40°C to +150°C for WH grade
   Bidirectional operation
   Available in 8-lead SOIC
   Qualified for automotive applications

EXCELLENT AC AND DC PERFORMANCE
   15 µV/°C offset drift
   30 ppm/°C gain drift
   80 dB CMRR dc to 20 kHz

APPLICATIONS
   High-side current sensing in
      Motor controls
      Transmission controls
      Diesel-injection controls
      Engine management
      Suspension controls
      Vehicle dynamic controls
      DC-to-dc converters




Similar Part No. - AD8206YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8206YRZ AD-AD8206YRZ Datasheet
344Kb / 12P
Single-Supply, 42 V System Difference Amplifier
REV. 0
AD8206YRZ AD-AD8206YRZ Datasheet
466Kb / 16P
High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
AD8206YRZ-REEL AD-AD8206YRZ-REEL Datasheet
344Kb / 12P
Single-Supply, 42 V System Difference Amplifier
REV. 0
AD8206YRZ-REEL AD-AD8206YRZ-REEL Datasheet
466Kb / 16P
High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
AD8206YRZ-REEL7 AD-AD8206YRZ-REEL7 Datasheet
344Kb / 12P
Single-Supply, 42 V System Difference Amplifier
REV. 0
More results


Similar Description - AD8206YR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
Single-Supply 42 V System Difference Amplifier
4/04-Revision 0
AD8206 AD-AD8206_05 Datasheet
344Kb / 12P
Single-Supply, 42 V System Difference Amplifier
REV. 0
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
Single-Supply 42 V System Difference Amplifier
REV. D
logo
Texas Instruments
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com