Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC7SH08 Datasheet (PDF) - Nexperia B.V. All rights reserved

XC7SH08 Datasheet PDF - Nexperia B.V. All rights reserved
Part # XC7SH08
Download  XC7SH08 Download
File Size   202.95 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input AND gate

XC7SH08 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC7SH08 Datasheet PDF - Nexperia B.V. All rights reserved

Part # XC7SH08
Download  XC7SH08 Click to download

File Size   202.95 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input AND gate

XC7SH08 Datasheet (HTML) - Nexperia B.V. All rights reserved


XC7SH08 Product details

1. General description
XC7SH08 is a high-speed Si-gate CMOS device. It provides a 2-input AND function.
2. Features
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• CMOS input levels
• Balanced propagation delays
• ESD protection:
• HBM JESD22-A114E: exceeds 2000 V
• MM JESD22-A115-A: exceeds 200 V
• CDM JESD22-C101C: exceeds 1000 V
• Specified from -40 °C to +125 °C




Similar Part No. - XC7SH08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SH08 PHILIPS-XC7SH08 Datasheet
74Kb / 11P
High-speed Si-gate CMOS device, 2-input AND function
Rev. 01-1 September 2009
XC7SH08GV PHILIPS-XC7SH08GV Datasheet
74Kb / 11P
High-speed Si-gate CMOS device, 2-input AND function
Rev. 01-1 September 2009
XC7SH08GW PHILIPS-XC7SH08GW Datasheet
74Kb / 11P
High-speed Si-gate CMOS device, 2-input AND function
Rev. 01-1 September 2009
More results


Similar Description - XC7SH08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
2-input AND Gate
HD74ALVC1G08 RENESAS-HD74ALVC1G08 Datasheet
77Kb / 10P
2-Input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
2-INPUT AND GATE
logo
Unisonic Technologies
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
2-INPUT AND GATE
U74LVC1G08 UTC-U74LVC1G08_V01 Datasheet
194Kb / 5P
2-INPUT AND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com