Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC7SH14GW Datasheet (PDF) - Nexperia B.V. All rights reserved

XC7SH14GW Datasheet PDF - Nexperia B.V. All rights reserved
Part # XC7SH14GW
Download  XC7SH14GW Download
File Size   233.34 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Inverting Schmitt trigger

XC7SH14GW Datasheet (PDF)

Go To PDF Page Download Datasheet
XC7SH14GW Datasheet PDF - Nexperia B.V. All rights reserved

Part # XC7SH14GW
Download  XC7SH14GW Click to download

File Size   233.34 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Inverting Schmitt trigger

XC7SH14GW Datasheet (HTML) - Nexperia B.V. All rights reserved


XC7SH14GW Product details

1. General description
XC7SH14 is a high-speed Si-gate CMOS device. It provides an inverting buffer function with
Schmitt trigger action. This device is capable of transforming slowly changing input signals into
sharply defined, jitter-free output signals.
2. Features and benefits
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• CMOS input levels
• Balanced propagation delays
• ESD protection:
• HBM JESD22-A114E: exceeds 2000 V
• MM JESD22-A115-A: exceeds 200 V
• CDM JESD22-C101C: exceeds 1000 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Wave and pulse shapers
• Astable multivibrators
• Monostable multivibrators




Similar Part No. - XC7SH14GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7SH14GW PHILIPS-XC7SH14GW Datasheet
95Kb / 14P
High-speed Si-gate CMOS device, inverting buffer function with Schmitt trigger action
Rev. 01-1 September 2009
More results


Similar Description - XC7SH14GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
Inverting Schmitt trigger
2002 Jun 06.
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
Inverting Schmitt-trigger
2002 May 15
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
Inverting Schmitt trigger
2004 Oct 18
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
Inverting Schmitt trigger
Rev. 06 ??18 May 2009
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
Inverting Schmitt trigger
Rev. 04-17 July 2007
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
Inverting Schmitt trigger
Rev. 7-18 November 2014
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
INVERTING SCHMITT TRIGGER
logo
Nexperia B.V. All right...
74AHC1G14-Q100 NEXPERIA-74AHC1G14-Q100 Datasheet
802Kb / 17P
Inverting Schmitt trigger
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
Inverting Schmitt trigger
Rev. 2 - 14 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com