Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XS3A4053 Datasheet (PDF) - Nexperia B.V. All rights reserved

XS3A4053 Datasheet PDF - Nexperia B.V. All rights reserved
Part # XS3A4053
Download  XS3A4053 Download
File Size   319.12 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple low-ohmic single-pole double-throw analog switch

XS3A4053 Datasheet (PDF)

Go To PDF Page Download Datasheet
XS3A4053 Datasheet PDF - Nexperia B.V. All rights reserved

Part # XS3A4053
Download  XS3A4053 Click to download

File Size   319.12 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple low-ohmic single-pole double-throw analog switch

XS3A4053 Datasheet (HTML) - Nexperia B.V. All rights reserved


XS3A4053 Product details

1. General description
The XS3A4053 is a triple low-ohmic single-pole double-throw analog switch, suitable for use as
an analog or digital multiplexer/demultiplexer. Each switch has a digital select input (nS), two
independent inputs/outputs (nY0 and nY1) and a common input/output (nZ). All three switches
share an enable input (E). A digital enable pin E is common to all switches.When E is HIGH, the
switches are turned off.
Schmitt trigger action at the digital inputs makes the circuit tolerant to slower input rise and fall
times. Low threshold digital inputs allows this device to be driven by 1.8 V logic levels in 3.3 V
applications without significant increase in supply current ICC. This makes it possible for the
XS3A4053 to switch 4.3 V signals with a 1.8 V digital controller, eliminating the need for logic level
translation. The XS3A4053 allows signals with amplitude up to VCC to be transmitted from nZ to
nY0 or nY1; or from nY0 or nY1 to nZ. Its low ON resistance (0.5 Ω) and flatness (0.13 Ω) ensures
minimal attenuation and distortion of transmitted signals.
2. Features and benefits
• Wide supply voltage range from 1.4 V to 4.3 V
• Very low ON resistance (peak):
• 1.6 Ω (typical) at VCC = 1.4 V
• 1.0 Ω (typical) at VCC = 1.65 V
• 0.55 Ω (typical) at VCC = 2.3 V
• 0.5 Ω (typical) at VCC = 2.7 V
• 0.5 Ω (typical) at VCC = 4.3 V
• Break-before-make switching
• High noise immunity
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds 4000 V
• CDM ANSI/ESDA/JEDEC JS-002 exceeds 1000 V
• IEC61000-4-2 contact discharge exceeds 8000 V for switch ports
• CMOS low-power consumption
• Latch-up performance exceeds 100 mA per JESD78 Class II Level A
• 1.8 V control logic at VCC = 3.6 V
• Control input accepts voltages above supply voltage
• Very low supply current, even when input is below VCC
• High current handling capability (350 mA continuous current under 3.3 V supply)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Appliances
• Communication Systems
• Medical Equipment
• Analog Sensor Monitoring
• Audio Routing/Switching
• Test and Measurement




Similar Part No. - XS3A4053

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XS3A4051 NEXPERIA-XS3A4051 Datasheet
314Kb / 20P
Single low-ohmic 8-channel analog switch
Rev. 1 - 11 February 2022
XS3A4051PW NEXPERIA-XS3A4051PW Datasheet
314Kb / 20P
Single low-ohmic 8-channel analog switch
Rev. 1 - 11 February 2022
XS3A4052 NEXPERIA-XS3A4052 Datasheet
312Kb / 20P
Low-ohmic dual-pole quad-throw analog switch
Rev. 1 - 11 February 2022
XS3A4052PW NEXPERIA-XS3A4052PW Datasheet
312Kb / 20P
Low-ohmic dual-pole quad-throw analog switch
Rev. 1 - 11 February 2022
More results


Similar Description - XS3A4053

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1G3157 NXP-NX3L1G3157_10 Datasheet
226Kb / 22P
Low-ohmic single-pole double-throw analog switch
Rev. 08-26 April 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L4053 NXP-NX3L4053 Datasheet
197Kb / 22P
Triple low-ohmic single-pole double-throw analog switch
Rev. 4-7 November 2011
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
NX3L1T5157 PHILIPS-NX3L1T5157_15 Datasheet
178Kb / 21P
Low-ohmic single-pole double-throw analog switch
Rev. 6-8 November 2011
NX3L1G3157-Q100 NXP-NX3L1G3157-Q100 Datasheet
184Kb / 21P
Low-ohmic single-pole double-throw analog switch
Rev. 1 ??23 May 2013
NX3L4053-Q100 NXP-NX3L4053-Q100 Datasheet
280Kb / 22P
Triple low-ohmic single-pole double-throw analog switch
Rev. 1 ??18 April 2013
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com