Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCF02 Datasheet (PDF) - Vishay Siliconix

CCF02 Datasheet PDF - Vishay Siliconix
Part # CCF02
Download  CCF02 Download
File Size   272.73 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Metal Film Resistors, Industrial Power, Flameproof

CCF02 Datasheet (PDF)

Go To PDF Page Download Datasheet
CCF02 Datasheet PDF - Vishay Siliconix

Part # CCF02
Download  CCF02 Click to download

File Size   272.73 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Metal Film Resistors, Industrial Power, Flameproof

CCF02 Datasheet (HTML) - Vishay Siliconix


CCF02 Product details

FEATURES
• Small size suitable for 1/2 W, 1 W and 2 W
   applications
• High power rating, small size
• Flameproof, high temperature coating meets
   EIA RS-325-A
• Excellent high frequency characteristics
• Low noise
• Low voltage coefficient
• Tape and reel packaging for automatic
   insertion (52.4 mm inside tape spacing per
   EIA-296-E)
• Material categorization: For definitions of
   compliance please see www.vishay.com/doc?99912




Similar Part No. - CCF02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF02470RJKE36 VISHAY-CCF02470RJKE36 Datasheet
69Kb / 5P
Through Hole Resistor Packaging
25-Feb-13
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
15-Nov-12
More results


Similar Description - CCF02

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MFP WELWYN-MFP Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
05-Oct-05
CPF210K000FKE14 VISHAY-CPF210K000FKE14 Datasheet
128Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
19-Nov-12
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Mar-10
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
15-Nov-12
CPF VISHAY-CPF Datasheet
98Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Sep-13
FP VISHAY-FP Datasheet
234Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com