Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NXS0506 Datasheet (PDF) - Nexperia B.V. All rights reserved

NXS0506 Datasheet PDF - Nexperia B.V. All rights reserved
Part # NXS0506
Download  NXS0506 Download
File Size   264.77 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description SD 3.0-compatible memory card integrated auto-direction control and level translator with EMI filter and ESD protection

NXS0506 Datasheet (PDF)

Go To PDF Page Download Datasheet
NXS0506 Datasheet PDF - Nexperia B.V. All rights reserved

Part # NXS0506
Download  NXS0506 Click to download

File Size   264.77 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description SD 3.0-compatible memory card integrated auto-direction control and level translator with EMI filter and ESD protection

NXS0506 Datasheet (HTML) - Nexperia B.V. All rights reserved


NXS0506 Product details

1. General description
The NXS0506 is an SD 3.0-compatible bidirectional dual supply level translator with auto-direction
control. It is designed to interface between a memory card operating at 1.7 V to 3.6 V signal levels
and a host with a nominal supply voltage of 1.1 V to 1.95 V. The device supports SD 3.0: SDR104,
SDR50, DDR50, SDR25, SDR12 and SD 2.0 High-Speed (50 MHz) and Default-Speed (25 MHz)
modes. The device has a built-in EMI filter and robust ESD protection (IEC 61000-4-2, level 4).
2. Features and benefits
• Supports up to 208 MHz clock rate
• SD 3.0 specification-compatible voltage translation to support: SDR104, SDR50, DDR50,
SDR25, SDR12, High-Speed and Default-Speed modes
• 1.1 V to 1.95 V host side interface voltage support
• Auto-direction sensing
• Low power consumption
• Integrated pull-up resistors: no external resistors required
• Integrated EMI filters suppress higher harmonics of digital I/Os
• Level shifting buffers keep ESD stress away from the host (zero-clamping concept)
• 16-bumps WLCSP package; pitch 0.35 mm
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
• CDM ANSI/ESDA/JEDEC JS-002 Class C3 exceeds 1 kV
• IEC61000-4-2, level 4, contact discharge on all memory card-side pins exceeds 8 kV
• IEC61000-4-2, level 4, air discharge on all memory card-side pins exceeds 15 kV
• Specified from -40 °C to +85 °C
3. Applications
• Smartphone
• Mobile handsets
• Digital cameras
• Tablet PCs
• Laptop computers
• SD, MMC or microSD card readers




Similar Part No. - NXS0506

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NXS0506GU NEXPERIA-NXS0506GU Datasheet
298Kb / 19P
SD 3.0-compatible memory card integrated auto-direction
Rev. 4 2 February 2024
NXS0506GU-Q100 NEXPERIA-NXS0506GU-Q100 Datasheet
263Kb / 15P
SD 3.0-compatible memory card integrated auto-direction
Rev. 2 2 February 2024
NXS0506GU-Q100X NEXPERIA-NXS0506GU-Q100X Datasheet
263Kb / 15P
SD 3.0-compatible memory card integrated auto-direction
Rev. 2 2 February 2024
NXS0506GUX NEXPERIA-NXS0506GUX Datasheet
298Kb / 19P
SD 3.0-compatible memory card integrated auto-direction
Rev. 4 2 February 2024
NXS0506UP NEXPERIA-NXS0506UP Datasheet
298Kb / 19P
SD 3.0-compatible memory card integrated auto-direction
Rev. 4 2 February 2024
More results


Similar Description - NXS0506

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4853CX24 NXP-IP4853CX24 Datasheet
112Kb / 19P
SD, MMC and microSD memory card integrated level shifter with PSU, EMI filter and ESD protection
Rev. 02-15 June 2009
IP4855CX25 NXP-IP4855CX25 Datasheet
245Kb / 29P
SD 3.0-compliant memory card integrated voltage level translator with EMI filter and ESD protection
Rev. 1-13 September 2012
logo
Nexperia B.V. All right...
IP4856CX25 NEXPERIA-IP4856CX25 Datasheet
383Kb / 22P
SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
logo
NXP Semiconductors
NVT4857UK NXP-NVT4857UK Datasheet
643Kb / 24P
SD 3.0-SDR104 compliant integrated auto-direction control memory card voltage level translator with EMI filter and ESD protection
Rev. 2-6 June 2018
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4557 NXP-NVT4557 Datasheet
466Kb / 28P
SIM card interface level translator with EMI filter and ESD protection
Rev.2.1-12 November 2021
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4558 NXP-NVT4558 Datasheet
311Kb / 23P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.0 - 7 December 2022
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
NVT4558 NXP-NVT4558_V01 Datasheet
312Kb / 22P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.1 - 6 September 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com