Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IND331SK Datasheet (PDF) - List of Unclassifed Manufacturers

IND331SK Datasheet PDF - List of Unclassifed Manufacturers
Part # IND331SK
Download  IND331SK Download
File Size   1567.12 Kbytes
Page   40 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Long Distance Digital Display Link Transmitter & Receiver

IND331SK Datasheet (PDF)

Go To PDF Page Download Datasheet
IND331SK Datasheet PDF - List of Unclassifed Manufacturers

Part # IND331SK
Download  IND331SK Click to download

File Size   1567.12 Kbytes
Page   40 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Long Distance Digital Display Link Transmitter & Receiver

IND331SK Datasheet (HTML) - List of Unclassifed Manufacturers


IND331SK Product details

[ Inova Semiconductors]

Long Distance Digital Display Link Transmitter & Receiver

The GigaSTaR Digital Display Link 166/331-series is an innovative high-speed link featuring simultaneous transmission of digital video, audio and bi-directional sideband data over one standard shielded twisted pair cable up to 50 m (500 m with fiber optics). It supports VGA…UXGA as well as Digital TV (DTV) and High-Definition TV (HDTV) formats up to 720p or HDTV1080i with up to 16.7 million colors. The sideband channels provide bandwidth up to 264 Mbps to connect peripheral components like keyboard, mouse, disc drive and audio devices.

Features:
• Parallel graphics controller and LC-display interfaces:
   − 18- / 24-bit (1 pixel/clock)
   − 36- / 48-bit (2 pixel/clock)
• Pixel data clocking on rising/falling/both clock edges
• Pixel Clock frequency: 24 – 161 MHz
• Direct adaptation to DVI and LDI/LVDS standard interface devices
• 4 channel audio interface (IEC958 compliant S/P-DIF)
• High- and low-speed bi-directional sideband data channels
• Single + 3.3 V power supply
• Extended temperature range: -40 – +85 °C

Applications:
• Long distance multimedia consoles
• High resolution industrial remote terminals
• Video broadcast systems
• Long distance camera links
• Machine vision systems
• Digital TV equipment
• Video Projectors and Home Cinemas
• DVI Extension products




Similar Part No. - IND331SK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IND330-AK ETC1-IND330-AK Datasheet
1Mb / 41P
Long Distance Digital Display Link Transmitter & Receiver
IND330SK ETC1-IND330SK Datasheet
1Mb / 41P
Long Distance Digital Display Link Transmitter & Receiver
More results


Similar Description - IND331SK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INDT165B ETC1-INDT165B Datasheet
1Mb / 41P
Long Distance Digital Display Link Transmitter & Receiver
INGT165B ETC1-INGT165B Datasheet
399Kb / 21P
1.32 Gbit/s Serial Link Transmitter and Receiver
logo
Hamamatsu Corporation
L8628 HAMAMATSU-L8628 Datasheet
160Kb / 2P
Transmitter/receiver photo IC for optical link
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
Photo-IC High Speed, Long Distance Isolated Line Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Hamamatsu Corporation
L10064-01B HAMAMATSU-L10064-01B_15 Datasheet
247Kb / 2P
Transmitter/Receiver photo IC for optical link
logo
Texas Instruments
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
Integrated Digital Audio Interface Receiver and Transmitter
logo
Beckhoff Automation Gmb...
CU8802-000X BECKHOFF-CU8802-000X Datasheet
98Kb / 2P
Transmitter box for CP-Link-4 ??The Two Cable Display Link
CU8803-000X BECKHOFF-CU8803-000X Datasheet
104Kb / 2P
Transmitter box for CP-Link 4 ??The One Cable Display Link
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com