Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCMS0248701FHA22 Datasheet (PDF) - Vishay Siliconix

RCMS0248701FHA22 Datasheet PDF - Vishay Siliconix
Part # RCMS0248701FHA22
Download  RCMS0248701FHA22 Download
File Size   83.08 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded Metal Film High Stability Resistors

RCMS0248701FHA22 Datasheet (PDF)

Go To PDF Page Download Datasheet
RCMS0248701FHA22 Datasheet PDF - Vishay Siliconix

Part # RCMS0248701FHA22
Download  RCMS0248701FHA22 Click to download

File Size   83.08 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded Metal Film High Stability Resistors

RCMS0248701FHA22 Datasheet (HTML) - Vishay Siliconix


RCMS0248701FHA22 Product details

FEATURES
• 0.125 W to 0.5 W at 70 °C
• According to CECC 40 101 (002 / 803)
• High long term stability drift < 0.5 % after 1000 h
• Excellent temperature coefficient ≤ ± 30 ppm/°C
in the range -10 °C to +70 °C
• Excellent initial precision: up to ± 1 %
• High insulation typical values: 106 MΩ
• Termination = pure matte tin
• Material categorization: for definitions of compliance




Similar Part No. - RCMS0248701FHA22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02 Datasheet
309Kb / 4P
Molded Metal Film High Stability Resistors
02-Oct-09
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
Molded Metal Film High Stability Resistors
05-Aug-13
More results


Similar Description - RCMS0248701FHA22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PMA0207 VISHAY-PMA0207 Datasheet
108Kb / 4P
Metal Film Resistors, Precision, High Stability
05-Aug-02
RCMM VISHAY-RCMM Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
RCMX02 VISHAY-RCMX02 Datasheet
134Kb / 3P
Molded Metal Film High Ohmic Value Resistors
05-Aug-13
RCMA VISHAY-RCMA Datasheet
149Kb / 4P
Molded Metal Film Very High Stability and Precision Resistors
12-Sep-14
RCMS02 VISHAY-RCMS02 Datasheet
309Kb / 4P
Molded Metal Film High Stability Resistors
02-Oct-09
logo
HOKURIKU ELECTRIC INDUS...
E011201 HOKURIKU-E011201 Datasheet
70Kb / 2P
High Stability Insulated Metal Film Fixed Resistors
logo
Vishay Siliconix
PSF VISHAY-PSF Datasheet
90Kb / 4P
Metal Film Resistors, High Precision, High Stability, Surface Mount
13-Jul-12
PTF VISHAY-PTF Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
Molded Metal Film High Stability Resistors
05-Aug-13
RCMM VISHAY-RCMM_V01 Datasheet
76Kb / 3P
Molded Metal Film Resistors
27-Jul-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com