Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

709389L Datasheet (PDF) - Renesas Technology Corp

709389L Datasheet PDF - Renesas Technology Corp
Part # 709389L
Download  709389L Download
File Size   339.68 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM

709389L Datasheet (PDF)

Go To PDF Page Download Datasheet
709389L Datasheet PDF - Renesas Technology Corp

Part # 709389L
Download  709389L Click to download

File Size   339.68 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM

709389L Datasheet (HTML) - Renesas Technology Corp


709389L Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed clock to data access
– Commercial: 7.5/9/12ns (max.)
– Industrial: 9ns (max.)
◆ Low-power operation
– IDT709389L
Active: 1.2W (typ.)
Standby: 2.5mW (typ.)
◆ Flow-Through or Pipelined output mode on either Port
the FT/PIPE pins
◆ Counter enable and reset features
◆ Dual chip enables allow for depth expansion without
additional logic




Similar Part No. - 709389L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
7093 NXP-7093 Datasheet
2Mb / 50P
MAGNETRON FOR USE AS PULSED OSCILLATOR
2.2.1963
logo
3M Electronics
7093 3M-7093 Datasheet
1Mb / 8P
3M??Reusable Respirators
7093 3M-7093 Datasheet
281Kb / 2P
Particulate Filter 7093, P100
9/1/09
logo
Amphenol Corporation
7093-0174 AMPHENOL-7093-0174 Datasheet
61Kb / 1P
SMPM (SIZE 12) D38999 PIN CONTACT TO SMA MALE FOR 횠.085 T-FLEX 405 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7093-0174 SVMICROWAVE-7093-0174 Datasheet
59Kb / 1P
SMPM (SIZE 12) D38999 PIN CONTACT TO SMA MALE FOR Ø.085 T-FLEX 405 CABLE ASSEMBLY
11/19
More results


Similar Description - 709389L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709289 IDT-IDT709289 Datasheet
190Kb / 15P
HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L_15 Datasheet
683Kb / 17P
HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_14 Datasheet
187Kb / 17P
HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709289L IDT-IDT709289L_15 Datasheet
701Kb / 16P
HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709289L RENESAS-IDT709289L Datasheet
335Kb / 17P
HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com