Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87973 Datasheet (PDF) - Renesas Technology Corp

87973 Datasheet PDF - Renesas Technology Corp
Part # 87973
Download  87973 Download
File Size   432.88 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer

87973 Datasheet (PDF)

Go To PDF Page Download Datasheet
87973 Datasheet PDF - Renesas Technology Corp

Part # 87973
Download  87973 Click to download

File Size   432.88 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer

87973 Datasheet (HTML) - Renesas Technology Corp


87973 Product details

FEATURES
• Fully integrated PLL
• Fourteen LVCMOS/LVTTL outputs; twelve clock outputs,
one feedback, one sync
• Selectable LVCMOS/LVTTL or differential CLK, nCLK inputs
• CLK0, CLK1 can accept the following input levels:
LVCMOS or LVTTL
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency range: 8.33MHz to 125MHz
• VCO range: 200MHz to 480MHz
• Output skew: 550ps (maximum)
• Cycle-to-cycle jitter: ±100ps (typical)
• Full 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free RoHS compliant package
• Compatible with PowerPC™ and Pentium™ Microprocessors




Similar Part No. - 87973

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87973 IDT-87973 Datasheet
264Kb / 17P
Low Skew, 1-to-12 LVCMOS / LVTTL Clock Mult iplier/Zero Delay Buffer
87973DYI-147 IDT-87973DYI-147 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
87973DYI-147LF IDT-87973DYI-147LF Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
87973DYI-147LF IDT-87973DYI-147LF Datasheet
467Kb / 20P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87973DYI-147LF RENESAS-87973DYI-147LF Datasheet
663Kb / 21P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
More results


Similar Description - 87973

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A AUGUST 26, 2003
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
87972I RENESAS-87972I Datasheet
384Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com