Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC01DGM Datasheet (PDF) - Renesas Technology Corp

AC01DGM Datasheet PDF - Renesas Technology Corp
Part # AC01DGM
Download  AC01DGM Download
File Size   1403.75 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1A MOLD TRIAC

AC01DGM Datasheet (PDF)

Go To PDF Page Download Datasheet
AC01DGM Datasheet PDF - Renesas Technology Corp

Part # AC01DGM
Download  AC01DGM Click to download

File Size   1403.75 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1A MOLD TRIAC

AC01DGM Datasheet (HTML) - Renesas Technology Corp


AC01DGM Product details

FEATURES

© The ACO1DGM offers sensitive gate specs of 3 and 5 mA, in all for
quadrants.

® You can fill the gap between microprocessor controls and the
power-output requirements,

@ This is housed in the popular TO-92 package.

® The package features excellent environmental stress and tempera-
ture cycling.




Similar Part No. - AC01DGM

ManufacturerPart #DatasheetDescription
logo
NEC
AC01DGM NEC-AC01DGM Datasheet
1Mb / 6P
1A MOLD TRIAC
More results


Similar Description - AC01DGM

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
T1A6C KEC-T1A6C Datasheet
78Kb / 3P
BI-DIRECTIONAL TRIODE THYRISTOR 1A MOLD TRIAC (AC POWER CONTROL)
logo
NEC
AC05FJM NEC-AC05FJM Datasheet
346Kb / 6P
5 A MOLD TRIAC
AC01DGM NEC-AC01DGM Datasheet
1Mb / 6P
1A MOLD TRIAC
AC03DGM NEC-AC03DGM Datasheet
179Kb / 6P
3A MOLD TRIAC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
8A MOLD TRIAC
AC10DGM NEC-AC10DGM Datasheet
604Kb / 6P
10A MOLD TRIAC
AC12DGM NEC-AC12DGM Datasheet
707Kb / 6P
12A MOLD TRIAC
AC16DGM NEC-AC16DGM Datasheet
648Kb / 6P
16A MOLD TRIAC
logo
Renesas Technology Corp
AC03DJM RENESAS-AC03DJM Datasheet
444Kb / 8P
3A MOLD TRIAC
1988
AC0V8DGM RENESAS-AC0V8DGM Datasheet
1Mb / 8P
0.8A MOLD TRIAC
1988
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com